Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350Z Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5350Z
Description  50 V low VCEsat PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350Z Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5350Z Datasheet HTML 1Page - NXP Semiconductors PBSS5350Z Datasheet HTML 2Page - NXP Semiconductors PBSS5350Z Datasheet HTML 3Page - NXP Semiconductors PBSS5350Z Datasheet HTML 4Page - NXP Semiconductors PBSS5350Z Datasheet HTML 5Page - NXP Semiconductors PBSS5350Z Datasheet HTML 6Page - NXP Semiconductors PBSS5350Z Datasheet HTML 7Page - NXP Semiconductors PBSS5350Z Datasheet HTML 8Page - NXP Semiconductors PBSS5350Z Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2003 May 13
3
NXP Semiconductors
Product data sheet
50 V low VCEsat PNP transistor
PBSS5350Z
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
2.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 6 cm2.
3.
For other mounting conditions see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
THERMAL CHARACTERISTICS
Notes
1.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm.
2.
Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 6 cm2.
3.
For other mounting conditions see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
−60
V
VCEO
collector-emitter voltage
open base
−
−50
V
VEBO
emitter-base voltage
open collector
−
−6
V
IC
collector current (DC)
−
−3
A
ICM
peak collector current
−
−5
A
IBM
peak base current
−
−1
A
Ptot
total power dissipation
Tamb ≤ 25 °C; notes 1 and 3
−
1.35
W
Tamb ≤ 25 °C; notes 2 and 3
−
2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; notes 1 and 3
92
K/W
in free air; notes 2 and 3
62.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com