Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS7437PBF Datasheet(PDF) 12 Page - International Rectifier

Part # IRFS7437PBF
Description  Brushed Motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7437PBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRFS7437PBF Datasheet HTML 4Page - International Rectifier IRFS7437PBF Datasheet HTML 5Page - International Rectifier IRFS7437PBF Datasheet HTML 6Page - International Rectifier IRFS7437PBF Datasheet HTML 7Page - International Rectifier IRFS7437PBF Datasheet HTML 8Page - International Rectifier IRFS7437PBF Datasheet HTML 9Page - International Rectifier IRFS7437PBF Datasheet HTML 10Page - International Rectifier IRFS7437PBF Datasheet HTML 11Page - International Rectifier IRFS7437PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
January 6, 2015
IRFS7437PbF/IRFSL7437PbF
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information: http:www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
D2Pak
TO-262
RoHS compliant
(per JEDEC JESD47F
††† guidelines)
Yes
Qualification information
†
Industrial
††
Qualification level
MS L1
(per JEDEC J-S TD-020D
†††)
Moisture Sensitivity Level
Revision History
Date
Comment
• Updated data sheet based on corporate template.
• Updated typo on the fig.19 and fig.21, unit of y-axis from "A" to "nC" on page7.
• Updated package outline and part marking on page 9 & 10.
• Updated EAS (L =1mH) = 802mJ on page 2
• Updated note 9 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50Ω, IAS = 40A, VGS =10V”. on page 2
4/30/2014
1/6/2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com