Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1007 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1007 Datasheet HTML 1Page - Maxim Integrated Products MAX1007 Datasheet HTML 2Page - Maxim Integrated Products MAX1007 Datasheet HTML 3Page - Maxim Integrated Products MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Mobile-Radio Analog Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +2.85V to +3.6V, fSCLK = 1.152MHz, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD or DVDD to AGND or DGND...........................-0.3V to +6V
Digital Inputs to DGND.............................................-0.3V to +6V
Analog Inputs to AGND............................................-0.3V to +6V
REF to AGND............................................................-0.3V to +6V
AGND to DGND .................................................................± 0.3V
AVDD to DVDD....................................................................± 0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8.0mW/°C above +70°C) ......................640mW
Operating Temperature Ranges
MAX1007CAG.....................................................0°C to +70°C
MAX1007EAG ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
AVDD, DVDD
RxEN = 1, TxEN = 1; AVDD = DVDD = 3V
RxEN = 1, TxEN = 0; AVDD = DVDD = 3V; PKWDW and
ADCCTRL as per state B on Figure 1
RxEN = 1, TxEN = 0; AVDD = DVDD = 3V;
PKWDW = ADCCTRL = DGND
RxEN = 1, TxEN = 0; AVDD = DVDD = 3V; PKWDW and
ADCCTRL as per state B on Figure 1. PSDWDW and PSD-
CNTRL as per state D on Figure 2
RxEN = 0, TxEN = 1; AVDD = DVDD = 3V;
PKWDW = ADCCTRL = DGND
RxEN = 0, TxEN = 1; AVDD = DVDD = 3V;
PKWDW and ADCCTRL as per state B on Figure 1
RxEN = 1, TxEN = 0; AVDD = DVDD = 3V; PKWDW and
ADCCTRL as per state C on Figure 1
RxEN = 0, TxEN = 1; AVDD = DVDD = 3V;
PKWDW and ADCCTRL as per state C on Figure 1
CONDITIONS
mA
1.24
3.5
Standby:
XDAC, GDAC, Ref, RefBuf Active
mA
4.07
10.5
Receive Mode 4:
KDAC, XDAC, ADC, RSSI
Buffer, Ref, RefBuf, PSD
Circuit Active
mA
11.2
31
Receive Mode 3:
KDAC, XDAC, ADC, Peak
Detector RSSI Buffer, Ref,
RefBuf Active
V
2.85
3.0
3.6
Supply Voltages
mA
2.95
Receive Mode 2:
KDAC, XDAC, Peak Detector,
RSSI Buffer, Ref, RefBuf Active
mA
1.24
3.5
Receive Mode 1:
KDAC, XDAC, Ref, RefBuf
Active
mA
1.8
5.0
Transmit Mode 1:
All DACs, Ref, RefBuf Active
mA
4.7
Transmit Mode 2:
All DACs, PGA, REF, Peak
Detector, PSBIAS, ISOURCE,
RefBuf Active
mA
12.2
32
Transmit Mode 3:
All DACs, PGA, REF, Peak
Detector, PSBIAS, ISOURCE,
RefBuf, ADC Active
UNITS
MIN
TYP
MAX
PARAMETER
RxEN = 0, TxEN = 0; AVDD = DVDD = 3V;
ADCCTRL = PSDCTRL = PKWDW = PSDWDW = DGND;
SCLK not active, either high or low
µA
1
10
Total Shutdown
POWER-SUPPLY REQUIREMENTS
SUPPLY CURRENTS [I(AVDD) + I(DVDD)] (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com