Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1007 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1007 Datasheet HTML 1Page - Maxim Integrated Products MAX1007 Datasheet HTML 2Page - Maxim Integrated Products MAX1007 Datasheet HTML 3Page - Maxim Integrated Products MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Mobile-Radio Analog Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +2.85V to +3.6V, fSCLK = 1.152MHz, TA = TMIN to TMAX, unless otherwise noted.)
(Note 2)
2 < code
≤ FS
2 < code
≤ FS
2 < code
≤ FS
CL = 30pF, RL = 40kΩ, settling to 5% of final value
RL = 40kΩ
2 < code
≤ FS
(Note 2)
2 < code
≤ FS
(Note 2)
CL = 30pF, RL = 40kΩ
No resistive load
2 < code
≤ FS
CONDITIONS
%FSR
±10
Gain Error
LSB
±1
Offset Error
LSB
±1
Integral Nonlinearity
LSB
±1
Differential Nonlinearity
Bits
7
Resolution
µs
4
Full-Scale Step Response Time
V
2.1
2.42
2.75
Full-Scale Output Swing
V/µs
0.1
Output Slew Rate
%FSR
±10
Gain Error
LSB
±1
Offset Error
LSB
±1
Integral Nonlinearity
LSB
±1
Differential Nonlinearity
Bits
6
Resolution
LSB
±1
Differential Nonlinearity
Bits
6
Resolution
k
Ω
30
Output Resistance
LSB
±1/2
Integral Nonlinearity
LSB
±1
Offset Error
%FSR
±10
Gain Error
V
2.1
2.42
2.75
Full-Scale Output Swing
UNITS
MIN
TYP
MAX
PARAMETER
CL = 30pF, RL = 40kΩ, settling to 2% of final value
RL = 40kΩ
CL = 30pF, RL = 40kΩ
µs
4
Full-Scale Step Response Time
V
2.1
2.42
2.75
Full-Scale Output Swing
V/µs
0.1
Output Slew Rate
CL = 30pF, RL = 40kΩ, settling to within 2% of final value
µs
4
Power-Up Time from Standby
With respect to VREF
VREF = 1.028V (typ)
VREF = 1.028V (typ)
LSB
±5
Gain Error
LSB
±2
Offset Error
µs
5.2
Conversion Time
LSB
±1
Integral Nonlinearity
LSB
±1
Differential Nonlinearity
V
0
VREF
Input Signal Range
Bits
8
Resolution
µs
1.74
ADC Power-Up Time from Standby
V
1.028
Reference Voltage
XDAC
GDAC
SDAC, KDAC
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com