Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4068P Datasheet(PDF) 5 Page - International Rectifier

Part # GP4068P
Description  Low Switching Losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP4068P Datasheet(HTML) 5 Page - International Rectifier

  GP4068P Datasheet HTML 1Page - International Rectifier GP4068P Datasheet HTML 2Page - International Rectifier GP4068P Datasheet HTML 3Page - International Rectifier GP4068P Datasheet HTML 4Page - International Rectifier GP4068P Datasheet HTML 5Page - International Rectifier GP4068P Datasheet HTML 6Page - International Rectifier GP4068P Datasheet HTML 7Page - International Rectifier GP4068P Datasheet HTML 8Page - International Rectifier GP4068P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
www.irf.com
5
Fig. 17 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
Fig. 13 - Typ. Switching Time vs. IC
TJ = 175°C; L = 200μH; VCE= 400V, RG = 10Ω; VGE = 15V
0
20
40
60
80
100
IC (A)
10
100
1000
tdOFF
tF
Fig. 14 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 200μH; VCE = 400V, ICE = 48A; VGE = 15V
0
25
50
75
100
125
Rg (
Ω)
1000
1500
2000
2500
3000
3500
4000
4500
5000
EOFF
Fig. 15 - Typ. Switching Time vs. RG
TJ = 175°C; L = 200μH; VCE = 400V, ICE = 48A; VGE = 15V
0
25
50
75
100
125
RG (Ω)
10
100
1000
tdOFF
tF
Fig. 18 - Typical Gate Charge vs. VGE
ICE = 48A; L = 600μH
0
255075
100
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 300V
VCES= 400V
8
1012141618
VGE (V)
4
6
8
10
12
14
16
18
50
100
150
200
250
300
350
400
Isc
Tsc
Fig. 16 - VGE vs. Short Circuit
VCC = 400V; TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com