Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4068P Datasheet(PDF) 7 Page - International Rectifier

Part # GP4068P
Description  Low Switching Losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP4068P Datasheet(HTML) 7 Page - International Rectifier

Back Button GP4068P Datasheet HTML 2Page - International Rectifier GP4068P Datasheet HTML 3Page - International Rectifier GP4068P Datasheet HTML 4Page - International Rectifier GP4068P Datasheet HTML 5Page - International Rectifier GP4068P Datasheet HTML 6Page - International Rectifier GP4068P Datasheet HTML 7Page - International Rectifier GP4068P Datasheet HTML 8Page - International Rectifier GP4068P Datasheet HTML 9Page - International Rectifier GP4068P Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
www.irf.com
7
1K
VC C
DUT
0
L
L
Rg
80 V
DUT
480V
DC
4x
DUT
360V
Rg
VCC
DUT
R =
VCC
ICM
Fig.C.T.1 - Gate Charge Circuit (turn-off)
Fig.C.T.2 - RBSOA Circuit
Fig.C.T.3 - S.C. SOA Circuit
Fig.C.T.4 - Switching Loss Circuit
Fig.C.T.5 - Resistive Load Circuit
C force
400μH
G force
DUT
D1
10K
C sense
0.0075μ
E sense
E force
Fig.C.T.6 - BVCES Filter Circuit
L
Rg
VCC
DIODE CLAMP /
DUT
DUT /
DRIVER
- 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com