Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147ACAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX147ACAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147ACAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX147ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX146/MAX147 12-bit data-acquisition systems
combine an 8-channel multiplexer, high-bandwidth
track/hold, and serial interface with high conversion
speed and low power consumption. The MAX146 oper-
ates from a single +2.7V to +3.6V supply; the MAX147
operates from a single +2.7V to +5.25V supply. Both
devices’ analog inputs are software configurable for
unipolar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
QSPI™ and Microwire™ devices without external logic. A
serial strobe output allows direct connection to TMS320-
family digital signal processors. The MAX146/MAX147
use either the internal clock or an external serial-interface
clock to perform successive-approximation analog-to-
digital conversions.
The MAX146 has an internal 2.5V reference, while the
MAX147 requires an external reference. Both parts have
a reference-buffer amplifier with a ±1.5% voltage-
adjustment range.
These devices provide a hard-wired SHDN pin and a
software-selectable power-down, and can be pro-
grammed to automatically shut down at the end of a con-
version. Accessing the serial interface automatically
powers up the MAX146/MAX147, and the quick turn-on
time allows them to be shut down between all conver-
sions. This technique can cut supply current to under
60µA at reduced sampling rates.
The MAX146/MAX147 are available in 20-pin DIP and
SSOP packages.
For 4-channel versions of these devices, see the
MAX1246/MAX1247 data sheet.
________________________Applications
Portable Data Logging
Data Acquisition
Medical Instruments
Battery-Powered Instruments
Pen Digitizers
Process Control
____________________________Features
o 8-Channel Single-Ended or 4-Channel
Differential Inputs
o Single-Supply Operation:
+2.7V to +3.6V (MAX146)
+2.7V to +5.25V (MAX147)
o Internal 2.5V Reference (MAX146)
o Low Power: 1.2mA (133ksps, 3V supply)
54µA (1ksps, 3V supply)
1µA (power-down mode)
o SPI/QSPI/Microwire/TMS320-Compatible
4-Wire Serial Interface
o Software-Configurable Unipolar or Bipolar Inputs
o 20-Pin DIP/SSOP Packages
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
COM
AGND
DGND
VDD
CH7
4.7
µF
0.1
µF
CH0
0V TO
+2.5V
ANALOG
INPUTS
MAX146
CPU
+3V
VREF
0.047
µF
REFADJ
__________Typical Operating Circuit
19-0465; Rev 1; 6/97
PART
†
MAX146ACPP
MAX146BCPP
MAX146ACAP
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
20 SSOP
EVALUATION
KIT
AVAILABLE
______________Ordering Information
Ordering Information continued at end of data sheet.
†
Contact factory for availability of alternate surface-mount
packages.
*Dice are specified at TA = +25°C, DC parameters only.
MAX146BCAP
0°C to +70°C
20 SSOP
INL
(LSB)
±1/2
±1
±1/2
±1
SPI and QSPI are registered trademarks of Motorola, Inc.
Microwire is a registered trademark of National Semiconductor Corp.
Pin Configuration appears at end of data sheet.
MAX146BC/D
0°C to +70°C
Dice*
±1


Similar Part No. - MAX147ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470 MAXIM-MAX1470 Datasheet
284Kb / 6P
MAX1470 Evaluation Kit
Rev 1; 12/02
MAX1470EU MAXIM-MAX1470EU Datasheet
1Mb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX1470EUI MAXIM-MAX1470EUI Datasheet
220Kb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470EVKIT MAXIM-MAX1470EVKIT Datasheet
316Kb / 6P
Proven Components Parts List
Rev 1; 12/02
More results

Similar Description - MAX147ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com