Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147ACAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX147ACAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147ACAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX147ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX147ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
5
Figure 1
__________________________________________Typical Operating Characteristics
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)
0.5
0
1024
2048
3072
4096
INTEGRAL NONLINEARITY
vs. CODE
0.3
-0.3
-0.5
-0.1
0.1
0.4
0.2
-0.4
-0.2
0
CODE
0.50
0
2.25
2.75
4.25
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
3.75
5.25
3.25
4.75
MAX146
MAX147
0
0.10
0.20
0.30
0.40
0.50
0.05
0.15
0.25
0.35
0.45
-60
-20
20
60
100
140
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (°C)
MAX147
MAX146
VDD = 2.7V
TIMING CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX146); VDD = +2.7V to +5.25V (MAX147); TA = TMIN to TMAX; unless otherwise noted.)
Note 1: Tested at VDD = 2.7V; COM = 0V; unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: MAX146—internal reference, offset nulled; MAX147—external reference (VREF = +2.500V), offset nulled.
Note 4: Ground “on” channel; sine wave applied to all “off” channels.
Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from AGND to VDD.
Note 7: External load should not change during conversion for specified accuracy.
Note 8: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 9: Guaranteed by design. Not subject to production testing.
Note 10: Measured as
|VFS(2.7V) - VFS(VDD, MAX)|.
Internal clock mode only (Note 9)
External clock mode only, Figure 2
External clock mode only, Figure 1
DIN to SCLK Setup
Figure 1
Figure 2
Figure 1
MAX14_ _C/E
CONDITIONS
MAX14_ _M
ns
20
240
Figure 1
ns
tCSH
ns
240
tSTR
CS Rise to SSTRB Output Disable
ns
240
tSDV
CS Fall to SSTRB Output Enable
240
tSSTRB
SCLK Fall to SSTRB
ns
200
tCL
SCLK Pulse Width Low
ns
200
SCLK Pulse Width High
ns
0
CS to SCLK Rise Hold
ns
100
tCSS
CS to SCLK Rise Setup
ns
240
tTR
CS Rise to Output Disable
ns
240
tDV
CS Fall to Output Enable
tCH
20
200
tDO
SCLK Fall to Output Data Valid
ns
0
tDH
DIN to SCLK Hold
ns
µs
1.5
tACQ
Acquisition Time
0
tSCK
SSTRB Rise to SCLK Rise
ns
100
tDS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com