Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1637EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1637EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Miniature, Low-Voltage,
Precision Step-Down Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = VGG = 5V, SYNC = VCC, IREF = 0mA, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
GND to PGND .............................................................+2V to -2V
LX, BST to GND......................................................-0.3V to +36V
BST, DH to LX...........................................................-0.3V to +6V
VCC, VGG, CSL, CSH, SHDN to GND.......................-0.3V to +6V
DL to GND..................................................-0.3V to (VGG + 0.3V)
REF, SKIP, SYNC, CC to GND ...................-0.3V to (VCC + 0.3V)
REF Output Current.............................................................20mA
REF Short-Circuit to GND ..............................................Indefinite
Operating Temperature Range ...........................-40°C to +85°C
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.3mW/°C above +70°C) ......................667mW
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
SYNC = GND
SYNC = VCC
FB tied to VOUT, 0mV < (CSH - CSL) < 80mV,
includes line and load regulation
VCC = 3.15V to 5.5V
REF load = 0µA to 50µA
VCC, VGG
REF load = 0µA
Rising edge, hysteresis = 15mV
Rising edge, hysteresis = 15mV
SHDN = GND, VCC = VGG
CSH - CSL = 0mV to CSH - CSL = 100mV
CSH - CSL
VCC = 5V
VCC = 3.3V
SHDN to full current limit, four levels
VFB = VREF
CONDITIONS
170
200
230
Oscillator Frequency
kHz
270
300
330
mV
3
REF Line Regulation
mV
10
REF Load Regulation
V
1.080
1.100
1.120
REF Output Voltage
V
2.80
3.05
VGG Undervoltage Lockout Threshold
V
2.80
3.05
VCC Undervoltage Lockout Threshold
%
2
AC Load Regulation
mV
20
30
40
Idle-Mode Switchover Threshold
clocks
512
Soft-Start Ramp Time
nA
-50
50
FB Input Current
V
3.15
5.5
Input Voltage Range
µA
0.5
3
Shutdown Supply Current
V
1.080
1.100
1.120
Output Voltage
VREF
5.5
Output Adjustment Range
V
VREF
3.6
UNITS
MIN
TYP
MAX
PARAMETER
CSH > CSL
CSH < CSL
80
100
120
Current-Limit Threshold
mV
-145
-100
-55
Output not switching
1.5
2.5
Power Consumption
mW
1
1.75
SYNC = GND
SYNC = VCC
ns
200
SYNC Input Pulse Width High
%
93
96
89
92
Maximum Duty Factor
(Note 1)
kHz
240
340
SYNC Input Frequency Range
ns
200
SYNC Input Rise/Fall Time
ns
200
SYNC Input Pulse Width Low
VCC = VGG = 5V
VCC = VGG = 3.3V
SMPS CONTROLLER
INTERNAL REFERENCE
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com