Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1637EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1637EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Miniature, Low-Voltage,
Precision Step-Down Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VCC = VGG = 5V, SYNC = VCC, IREF = 0mA, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = VGG = 5V, SYNC = VCC, IREF = 0mA, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
High or low, DH or DL
DH or DL forced to 2V
CSH = CSL = 5V, VCC = VGG = GND,
either CSH or CSL input
FB to DL delay, 22mV overdrive, CGATE = 2000pF
FB, with respect to regulation point
From shutdown or power-on-reset state
Pin at GND or VCC
SHDN, SKIP, SYNC
% of nominal output
SHDN, SKIP, SYNC
CONDITIONS
Ω
7
Gate Driver On-Resistance
A
1
Gate Driver Sink/Source Current
µA
10
Current-Sense Input Leakage Current
µA
-1
1
Logic Input Bias Current
V
0.8
Logic Input Voltage Low
V
2.4
Logic Input Voltage High
µs
1.25
Overvoltage Fault Propagation Delay
%
4
7
10
Overvoltage Trip Threshold
clocks
6144
Output Undervoltage Lockout Delay
%
60
70
80
Output Undervoltage Lockout Threshold
UNITS
MIN
TYP
MAX
PARAMETER
FB tied to VOUT, 0mV < (CSH - CSL) < 80mV,
includes line and load regulation
SYNC = GND
VCC, VGG
SYNC = VCC
Rising edge, hysteresis = 15mV
Rising edge, hysteresis = 15mV
VCC = 3.3V
VCC = VGG = 3.3V, output not switching
VCC = 5V
VCC = VGG = 5V, output not switching
CSH > CSL
CONDITIONS
kHz
240
340
SYNC Input Frequency Range
ns
200
SYNC Input Rise/Fall Time
ns
200
SYNC Input Pulse Width Low
ns
200
SYNC Input Pulse Width High
kHz
170
230
Oscillator Frequency
262
338
V
2.80
3.05
VGG Undervoltage Lockout Threshold
V
2.80
3.05
VCC Undervoltage Lockout Threshold
mW
1.75
Power Consumption
mW
2.5
mV
70
130
Current-Limit Threshold
V
1.080
1.120
Output Voltage
V
3.15
5.5
Input Voltage Range
VREF
3.6
Output Adjustment Range
V
VREF
5.5
UNITS
MIN
TYP
MAX
PARAMETER
OVERVOLTAGE PROTECTION
INPUTS AND OUTPUTS
SMPS CONTROLLER
INTERNAL REFERENCE
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com