Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1041 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS1041
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1041 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS1041 Datasheet HTML 1Page - International Rectifier AUIPS1041 Datasheet HTML 2Page - International Rectifier AUIPS1041 Datasheet HTML 3Page - International Rectifier AUIPS1041 Datasheet HTML 4Page - International Rectifier AUIPS1041 Datasheet HTML 5Page - International Rectifier AUIPS1041 Datasheet HTML 6Page - International Rectifier AUIPS1041 Datasheet HTML 7Page - International Rectifier AUIPS1041 Datasheet HTML 8Page - International Rectifier AUIPS1041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AUIPS1041(L)(R) / AUIPS1042G
www.irf.com
4
Static Electrical Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
80
100
m
Vin=5V, Ids=3A
ON state resistance Tj=150°C
135
175
Idss1
Drain to source leakage current
0.1
2
µA
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.2
4
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
38
V
Id=10mA
V clamp2
Drain to source clamp voltage 2
39
42
Id=1A
Vin clamp
IN to source pin clamp voltage
5.5
6.5
7.5
Iin=1mA
Vth
Input threshold voltage
1.7
Id=10mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=5
, Rinput=0, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
2
7
15
µs
See figure 2
Tr
Rise time 20% to 80%
2
7
20
Tdoff
Turn-off delay time to 80%
15
40
150
Tf
Fall time 80% to 20%
4
10
20
Eon + Eoff
Turn on and off energy
0.2
mJ
Protection Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
2.7
4.5
6
A
See figure 1
OV
Over voltage protection ( not active when
the device is ON )
34
37
V
Vreset
IN protection reset threshold
1.7
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V, Tj=25°C
(2) Guaranteed by design
Diagnostic
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Iin, on
ON state IN positive current
10
32
80
µA
Vin=5V
Vin=5V
Iin, off
OFF state IN positive current
( after protection latched )
120
230
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com