Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1041 Datasheet(PDF) 5 Page - International Rectifier

Part # AUIPS1041
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1041 Datasheet(HTML) 5 Page - International Rectifier

  AUIPS1041 Datasheet HTML 1Page - International Rectifier AUIPS1041 Datasheet HTML 2Page - International Rectifier AUIPS1041 Datasheet HTML 3Page - International Rectifier AUIPS1041 Datasheet HTML 4Page - International Rectifier AUIPS1041 Datasheet HTML 5Page - International Rectifier AUIPS1041 Datasheet HTML 6Page - International Rectifier AUIPS1041 Datasheet HTML 7Page - International Rectifier AUIPS1041 Datasheet HTML 8Page - International Rectifier AUIPS1041 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AUIPS1041(L)(R) / AUIPS1042G
www.irf.com
5
Lead Assignments
Functional Block Diagram
All values are typical
IN
S
R
Q
6V
Tj > 165°C
DRAIN
SOURCE
37V
15k
I > Isd
75
43V
Vds > O.V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com