Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM-40 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  CE Marking with EMC and LVD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  APM-40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 2 of 5
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±2.0
---
%Vom.
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.5
---
%
Load Regulation
Io=0% to 100%
Single Output Model
---
±1.0
---
%
Dual Output Models
---
±2.0
---
%
Minimum Load
No minimum Load Requirement
Ripple & Noise(3)
0-20 MHz Bandwidth
5V Output Models
---
1.5
1.8
%VPP of Vo
Other Output Models
---
1.0
1.3
%VPP of Vo
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.02
---
%/℃
Overshoot
---
---
5
%
Current Limitation
85VAC, Hiccup Mode, auto-recovery
105
---
---
% Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, indefinite (Automatic Recovery)
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Reinforced Insulation, Rated For 60 Seconds
4000
---
---
VACrms
Leakage Current
---
80
---
μA
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
Switching Frequency
---
130
---
KHz
Hold-up Time
115VAC, 60Hz
---
25
---
ms
230VAC, 50Hz
---
80
---
ms
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
200,000
Hours
Protection Class II
According IEC/EN 60536
Safety Approvals
IEC/EN 60950-1 CB Report, UL/cUL 60950-1, CSA-C22.2 No.60950-1, UL508 listed certificate
IEC/EN 60601-1 3rd Edition CB Report, ANSI/AAMI ES60601-1 2XMOPP, CAN/CSA-C22.2 No.60601-1 certificate
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN55011, EN55022, EN61000-6-4, EN61000-6-3, FCC part 15
Class B
Radiation
EMS
EN60601-1-2, EN55024, EN61000-6-2, EN61000-6-1
ESD
EN61000-4-2 Air ± 8kV , Contact ± 4kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
A
Surge
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 30A/m
A
Dips
EN61000-4-11 30% 10ms
A
Interruptions
EN61000-4-11 >95% 5000ms
B
Environmental Specifications
Parameter
Conditions
Min.
Max.
Temperature Range (operational)
Ambient
-40℃
+80℃
Power Derating
Above +60℃
1.5W / ℃
Storage Temperature Range
-40℃
+95℃
Over Temperature Protection
Shutdown at 90℃ (automatic recovery at approx. 67℃)
Humidity (non condensing)
---
95% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for
10Sec.)
---
260℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com