Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM-40 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  CE Marking with EMC and LVD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  APM-40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 3 of 5
Notes
1
This product is not designed for use in critical life support systems, equipment used in hazardous environment, nuclear control systems or other
such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
2
Specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage, after warm-up time rated output current unless otherwise noted.
3
Ripple & Noise measured with a 0.1μF/50V MLCC and a 1μF/50V Aluminum electrolytic.
4
Safety approvals cover frequency 47-63 Hz.
5
We recommend to protect the converter by a slow blow fuse in the input supply line.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.
Package Specifications PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
AC (N)
AC (N)
2
AC (L)
AC (L)
3
+Vout
+Vout
4
No Pin
No Pin
5
-Vout
Common
6
No Pin
No Pin
7
NC
-Vout
NC: No Connection
►
All dimensions in mm (inches)
►
Tolerance: ±0.5 (±0.02)
►
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Characteristics
Case Size
:
88.9x63.5x30.0mm (3.50x2.50x1.18 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
310g
31.6 [1.24]
55.88 [2.20]
63.5 [2.50]
15.24
12.7
7
6
5
4
3
1
2
30.0
6.0
[0.60]
[0.50]
12.7
[0.50]
15.24
[0.60]
[0.24]
[1.18]
0.7
[0.03]
Mounting M4.0 Thread
Bottom View
15.9 [0.63]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com