Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX192ACAP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX192ACAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192ACAP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX192ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%, fCLK = 2.0MHz, external clock (50% duty cycle), 15 clocks/conversion cycle (133ksps), 4.7µF capacitor at VREF pin,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Internal compensation
0mA to 0.5mA output load
TA = +25°C (Note 7)
(Note 5)
On/off leakage current; VIN = 0V, 5V
Bipolar
Used for data transfer only
Internal compensation (Note 5)
External compensation, 4.7µF
Single-ended range (unipolar only)
Common-mode range (any input)
CONDITIONS
0
mV
2.5
Load Regulation (Note 8)
ppm/°C
±30
VREF Tempco
mA
30
VREF Short-Circuit Current
V
4.066
4.096
4.126
VREF Output Voltage
pF
16
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
V
-VREF
+VREF
-2
2
Analog Input Voltage
(Note 6)
0
VREF
0
VREF
0
VDD
MHz
10
External Clock Frequency
0.1
0.4
0.1
2.0
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Capacitive Bypass at VREF
External compensation
4.7
µF
Internal compensation
0.01
Capacitive Bypass at REFADJ
External compensation
0.01
µF
REFADJ Adjustment Range
±1.5
%
Input Voltage Range
2.5
VDD +
50mV
V
Input Current
200
350
µA
Input Resistance
12
20
k
Ω
Shutdown VREF Input Current
1.5
10
µA
Buffer Disable Threshold
REFADJ
VDD -
50mV
V
Unipolar
Differential range
Internal compensation mode
0
Capacitive Bypass at VREF
External compensation mode
4.7
µF
Reference-Buffer Gain
1.678
V/V
REFADJ Input Current
±50
µA
ANALOG INPUT
INTERNAL REFERENCE (reference buffer enabled)
EXTERNAL REFERENCE AT VREF (buffer disabled, VREF = 4.096V)
EXTERNAL REFERENCE AT REFADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com