Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX192ACAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX192ACAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192ACAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX192ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
________________General Description
The MAX192 is a low-cost, 10-bit data-acquisition system
that combines an 8-channel multiplexer, high-bandwidth
track/hold, and serial interface with high conversion
speed and ultra-low power consumption. The device
operates with a single +5V supply. The analog inputs are
software configurable for single-ended and differential
(unipolar/bipolar) operation.
The 4-wire serial interface connects directly to SPI™,
QSPI™, and Microwire™ devices, without using external
logic. A serial strobe output allows direct connection to
TMS320 family digital signal processors. The MAX192
uses either the internal clock or an external serial-
interface clock to perform successive approximation A/D
conversions. The serial interface can operate beyond
4MHz when the internal clock is used. The MAX192 has
an internal 4.096V reference with a drift of ±30ppm typi-
cal. A reference-buffer amplifier simplifies gain trim and
two sub-LSBs reduce quantization errors.
The MAX192 provides a hardwired SHDN pin and two
software-selectable power-down modes. Accessing the
serial interface automatically powers up the device, and
the quick turn-on time allows the MAX192 to be shut
down between conversions. By powering down
between conversions, supply current can be cut to
under 10µA at reduced sampling rates.
The MAX192 is available in 20-pin DIP and SO pack-
ages, and in a shrink-small-outline package (SSOP)
that occupies 30% less area than an 8-pin DIP. The
data format provides hardware and software compati-
bility with the MAX186/MAX188. For anti-aliasing filters,
consult the data sheets for the MAX291–MAX297.
________________________Applications
Automotive
Pen-Entry Systems
Consumer Electronics
Portable Data Logging
Robotics
Battery-Powered Instruments, Battery
Management
Medical Instruments
____________________________Features
o 8-Channel Single-Ended or 4-Channel Differential
Inputs
o Single +5V Operation
o Low Power: 1.5mA (operating)
2µA (power-down)
o Internal Track/Hold, 133kHz Sampling Rate
o Internal 4.096V Reference
o 4-Wire Serial Interface is Compatible
with SPI, QSPI, Microwire, and TMS320
o 20-Pin DIP, SO, SSOP Packages
o Pin-Compatible 12-Bit Upgrade (MAX186/MAX188)
_______________Ordering Information
Low-Power, 8-Channel,
Serial 10-Bit ADC
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
DIP/SO/SSOP
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
REFADJ
VREF
SHDN
AGND
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
MAX192
___________________Pin Configuration
SPI and QSPI are trademarks of Motorola Corp.
Microwire is a trademark of National Semiconductor Corp.
19-0247; Rev. 1; 4/97
PART
TEMP. RANGE
MAX192ACPP
0°C to +70°C
MAX192BCPP
0°C to +70°C
MAX192ACWP
0°C to +70°C
20 Wide SO
20 Plastic DIP
20 Plastic DIP
PIN-PACKAGE
MAX192BCWP
0°C to +70°C
20 Wide SO
MAX192ACAP
0°C to +70°C
20 SSOP
MAX192BCAP
0°C to +70°C
20 SSOP
±1/2
±1
±1/2
INL (LSB)
±1
±1/2
±1
MAX192AEPP
-40°C to +85°C
20 Plastic DIP
±1/2
MAX192BEPP
-40°C to +85°C
20 Plastic DIP
±1
MAX192AEWP
-40°C to +85°C
20 Wide SO
±1/2
MAX192BEWP
-40°C to +85°C
20 Wide SO
±1
MAX192AEAP
-40°C to +85°C
20 SSOP
±1/2
MAX192BEAP
-40°C to +85°C
20 SSOP
±1
MAX192AMJP
-55°C to +125°C
20 CERDIP
±1/2
MAX192BMJP
-55°C to +125°C
20 CERDIP
±1
See last page for Typical Operating Circuit.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX192ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192ACAP MAXIM-MAX192ACAP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
More results

Similar Description - MAX192ACAP

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
8-CHANNEL 10-BIT ADC?
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com