Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196ACWI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX196ACWI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196ACWI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX196ACWI Datasheet HTML 1Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 2Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 3Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 4Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 5Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 6Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 7Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX196/MAX198 multirange, 12-bit data-acquisi-
tion systems (DAS) require only a single +5V supply for
operation, yet convert analog signals at their inputs up
to ±10V (MAX196) and ±4V (MAX198). These systems
provide six analog input channels that are indepen-
dently software programmable for a variety of ranges:
±10V, ±5V, 0V to +10V, and 0V to +5V for the MAX196;
±VREF, ±VREF/2, 0V to +VREF, and 0V to +VREF/2 for
the MAX198. This range switching increases the effec-
tive dynamic range to 14 bits and provides the flexibility
to interface ±12V, ±15V, and 4mA to 20mA powered
sensors to a single +5V system. In addition, these con-
verters are fault protected to ±16.5V; a fault condition
on any channel will not affect the conversion result of
the selected channel. Other features include a 5MHz
bandwidth track/hold, 100ksps throughput rate, soft-
ware-selectable internal/external clock, internal/external
acquisition control, 12-bit parallel interface, and internal
4.096V or external reference.
Two programmable power-down modes (STBYPD,
FULLPD) provide low-current shutdown between con-
versions. In STBYPD mode, the reference buffer
remains active, eliminating start-up delays.
The MAX196/MAX198 employ a standard microproces-
sor (µP) interface. A three-state data I/O port is config-
ured to operate with 16-bit data buses, and data-
access and bus-release timing specifications are com-
patible with most popular µPs. All logic inputs and out-
puts are TTL/CMOS compatible.
These devices are available in 28-pin DIP, wide SO,
SSOP (55% smaller in area than wide SO), and ceramic
SB packages. For 8+4 bus interface, see the MAX197
and the MAX199 data sheets. An evaluation kit will be
available after December 1995 (MAX196EVKIT-DIP).
________________________Applications
Industrial-Control Systems
Robotics
Data-Acquisition Systems
Automatic Testing Systems
Medical Instruments
Telecommunications
____________________________Features
o 12-Bit Resolution, 1/2LSB Linearity
o Single +5V Supply Operation
o Software-Selectable Input Ranges:
±10V, ±5V, 0V to +10V, 0V to +5V (MAX196)
±VREF, ±VREF/2, 0V to +VREF, 0V to +VREF/2
(MAX198)
o Internal 4.096V or External Reference
o Fault-Protected Input Multiplexer
o 6 Analog Input Channels
o 6µs Conversion Time, 100ksps Sampling Rate
o Internal or External Acquisition Control
o Two Power-Down Modes
o Internal or External Clock
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DGND
VDD
WR
RD
INT
REF
AGND
REFADJ
CH5
CH4
CH3
CH2
CH1
CH0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
CS
CLK
DIP/SO/SSOP/Ceramic SB
TOP VIEW
MAX196
MAX198
__________________Pin Configuration
Call toll free 1-800-722-8266 for free samples or literature.
19-0435; Rev 0; 9/95
PART
MAX196ACNI
MAX196BCNI
MAX196ACWI
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Narrow Plastic DIP
28 Narrow Plastic DIP
28 Wide SO
EVALUATION
KIT
AVAILABLE
______________Ordering Information
MAX196BCWI
0°C to +70°C
28 Wide SO
Functional Diagram appears at end of data sheet.
Ordering Information continued at end of data sheet.
MAX196ACAI
0°C to +70°C
28 SSOP
MAX196BCAI
0°C to +70°C
28 SSOP


Similar Part No. - MAX196ACWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1960EEP MAXIM-MAX1960EEP Datasheet
455Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960EEP MAXIM-MAX1960EEP Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX196ACWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com