Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196ACWI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX196ACWI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196ACWI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX196ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 9Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 10Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 11Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 12Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 13Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 14Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 15Page - Maxim Integrated Products MAX196ACWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
TRANSISTOR COUNT: 2956
SUBSTRATE CONNECTED TO GND
___________________Chip Topography
CH5
REFADJ
INT
RD
0.231"
(5.870mm)
0.144"
(3.659mm)
D2
CH0
CH1
D0
D1
AGND
CH4
CH3
CH2
VCC
VDD
WR
DGND
CLK
D11
CS
D10
D9
D8
D7
D6
D5
D4
D3
REF
_Ordering Information (continued)
28 Narrow Ceramic SB**
-55°C to +125°C
MAX196BMYI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX196AMYI
28 SSOP
-40°C to +85°C
MAX196BEAI
28 SSOP
-40°C to +85°C
MAX196AEAI
28 Wide SO
-40°C to +85°C
MAX196BEWI
Dice*
0°C to +70°C
MAX196BC/D
PIN-PACKAGE
TEMP. RANGE
PART
* Dice are specified at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
28 Wide SO
28 Narrow Plastic DIP
28 Narrow Plastic DIP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX196AEWI
MAX196BENI
MAX196AENI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX198BMYI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX198AMYI
28 SSOP
-40°C to +85°C
MAX198BEAI
28 SSOP
-40°C to +85°C
MAX198AEAI
28 Wide SO
-40°C to +85°C
MAX198BEWI
28 Wide SO
28 Wide SO
28 Narrow Plastic DIP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX198BCWI
MAX198ACWI
MAX198ACNI
28 Wide SO
28 Narrow Plastic DIP
28 Narrow Plastic DIP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX198AEWI
MAX198BENI
MAX198AENI
Dice*
28 SSOP
28 SSOP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX198BC/D
MAX198BCAI
MAX198ACAI
28 Narrow Plastic DIP
0°C to +70°C
MAX198BCNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com