Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196BCAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX196BCAI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196BCAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX196BCAI Datasheet HTML 8Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 9Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 10Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 11Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 12Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 13Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 14Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 15Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
12
______________________________________________________________________________________
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH
WR GOES HIGH WHEN CLK IS LOW
tCWS
tCWH
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "0"
ACQMOD = "0"
Figure 8a. External Clock and WR Timing (Internal Acquisition Mode)
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH
WR GOES HIGH WHEN CLK IS LOW
tDH
tDH
tCWH
tCWS
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "1"
ACQMOD = "1"
ACQMOD = "0"
ACQMOD = "0"
Figure 8b. External Clock and WR Timing (External Acquisition Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com