Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX196BCAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX196BCAI
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196BCAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX196BCAI Datasheet HTML 1Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 2Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 3Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 4Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 5Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 6Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 7Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 8Page - Maxim Integrated Products MAX196BCAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Input Capacitance
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
V
2.4
4.18
Input Voltage Range
µA
400
Input Current
VREF =
4.18V
1
V
VDD - 50mV
REFADJ Threshold for
Buffer Disable
Normal, or STANDBY power-down mode
k
Ω
10
Input Resistance
FULL power-down mode
5
M
Ω
Normal, or STANDBY
power-down mode
FULL power-down mode
Internal acquisition
3.0
5.0
External reference = 4.096V
After FULLPD or STBYPD
External acquisition (Note 9)
CONDITIONS
FULL power-down mode (Note 7)
5
µs
3.0
tACQI
Acquisition Time
LSB
±0.1
±1/2
PSRR
Power-Supply Rejection Ratio
(Note 8)
3.0
tACQE
External CLK
µs
V
4.75
5.25
VDD
Supply Voltage
6.0
tCONV
Conversion Time
Internal CLK, CCLK = 100pF
6.0
7.7
10.0
To 0.1mV REF bypass
capacitor fully discharged
ms
8
Reference Buffer Settling
60
120
60
Normal mode, bipolar ranges
700
850
Normal mode, unipolar ranges
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
STANDBY power-down mode
mA
18
IDD
Supply Current
610
µA
Internal reference
±1/2
CCLK = 100pF
MHz
1.25
1.56
2.00
fCLK
Internal Clock Frequency
0.1
2.0
fCLK
External Clock Frequency Range
MHz
External CLK
Internal CLK
Power-up (Note 10)
µs
200
Bandgap Reference
Start-Up Time
External CLK
ksps
100
Throughput Rate
Internal CLK, CCLK = 100pF
62
CREF = 4.7µF
CREF = 33µF
CIN
15
pF
(Note 5)
Input Leakage Current
IIN
±10
µA
VIN = 0V or VDD
Input Low Voltage
VINL
0.8
V
Input High Voltage
VINH
2.4
V
POWER REQUIREMENTS
TIMING
REFERENCE INPUT (buffer disabled, reference input applied to REF pin)
DIGITAL INPUTS (D7–D0, CLK, RD, WR, CS) (Note 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com