Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16827 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16827
Description  20-bit buffer/line driver; non-inverting; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16827_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9397 750 15122
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2005
2 of 16
Philips Semiconductors
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
4.
Ordering information
5.
Functional diagram
CO
output capacitance
VI/O =0V orVCC
-9
-pF
ICC
total supply current
outputs disabled;
VCC = 2.5 V
-40
-
µA
outputs disabled;
VCC = 3.3 V
-70
-
µA
Table 1:
Quick reference data …continued
GND = 0 V; Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74ALVT16827DL
−40 °Cto+85 °C SSOP56
plastic shrink small outline package; 56 leads; body width
7.5 mm
SOT371-1
74ALVT16827DGG
−40 °Cto+85 °C TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
29
28
56
EN2
1
EN1
&
&
1
1
2
1
001aad055
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
55
54
52
51
49
48
47
45
44
43
2
3
5
6
8
9
10
12
13
14
001aad056
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7 2A8 2A9
2Y0 2Y1 2Y2 2Y3 2Y4 2Y5 2Y6 2Y7 2Y8 2Y9
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
29
2OE1
28
2OE0
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7 1A8 1A9
1Y0 1Y1 1Y2 1Y3 1Y4 1Y5 1Y6 1Y7 1Y8 1Y9
55
54
52
51
49
48
47
45
44
43
235689
10
12
13
14
56
1OE1
1
1OE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com