Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-810BZ Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
Control Characteristics: Transmitter/Receiver
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40°C, Vcc33 = 3.3 V and Vcc25 = 2.5 V.
Parameter
Symbol
Min
Typ
Max
Units
Reference
Control* Input Voltage Hysteresis LVTTL
Vhys
0.4
V
Control* Input Current LVTTL
Iin
-125
125
µA
0 V < Vin < Vcc33
Control* Output Voltage Low LVTTL
Vol
0.4
V
Iol = 2mA
Control* Output Current High-Z
Ioh
-10
10
µA
0 V < Vin < Vcc33
Address Assert Time
100
ms
1
Interrupt Assert Time
tINTL ON
200
ms
2, Figure 20
Interrupt Pulse Width
tINTL PW
5
µs
3, Figure 20
Interrupt De-assert Time
tINTL OFF
500
µs
4, Figure 20
Reset Assert Time
tRSTL ON
100
µs
5, Figure 19
Reset De-assert Time
tRSTL OFF
500
ms
6, Figure 19
Initialization Time TWS Interfaces
500
ms
Figure 18
TWS Data In Set Up Time
tSU:SDA
0.10
µs
7, Figure 17
TWS Data In Hold Time
tHD:SDA
0
µs
8, Figure 17
TWS Clock Low to Data Out Valid
tAA
0.10
0.90
µs
9, Figure 17
TWS Data Out Hold Time
tDH
50
ns
10, Figure 17
TWS Data Output Rise Time
tr SDA
0.30
µs
Figure 17,
Measured
between 0.8V
and 2.0V
TWS Data Output Fall Time
tf SDA
0.30
µs
TWS Interface Timing
See Atmel
Two-Wire
Serial EEPROM,
e.g. AT24C01A
TWS Write Cycle Time
twr
40ms
Notes:
* Control signals include Adr[2:0], IntL, ResetL, SCL and SDA.
1. This is the module response time from a change in module address, Adr[2:0], to response to TWS communication using the new address.
2. This is the module response time from occurrence of interrupt generating event to IntL assertion, Vout:IntL = Vol.
3. Pulse or static level can be selected for IntL. Pulse mode is default. See Memory Map.
4. This is the module response time from clear on read operation, measured from falling SCL edge after stop bit of read transaction, until Vout:IntL =
Voh where IntL is in static mode.
5. Assertion of ResetL activates a complete module reset, i.e. module returns to factory default and non-volatile control settings. While ResetL is Low,
Tx and Rx outputs are disabled and the module does not respond to the TWS interface.
6. This is the response time from ResetL de-assertion to resumption of operation.
7. Data In Set Up Time is measured from Vil(max)SDA or Vih(min)SDA to Vil(max)SCL.
8. Data In Hold Time is measured from Vil(max)SCL to Vil(max)SDA or Vih(min)SDA.
9. Clock Low to Data Out Time is measured from Vil(max)SCL to Vol(max)SDA or Voh(min)SDA.
10. Data Out Hold Time is measured from Vil(max)SCL to Vol(max)SDA or Voh(min)SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com