Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-810BZ Datasheet(PDF) 48 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 48 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 47Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 48Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-1955EN - September 10, 2013
Byte 143 Supported Functions
Address
Field Name/Description
Byte
Bit
Code
143
7
Coded 1 for FEC Control, else coded 0
6
Coded 1 for PEC Control, else coded 0
5
Coded 1 for JTAG Control, else coded 0
4
Coded 1 for AC-JTAG Control, else coded 0
3
Coded 1 for BIST, else coded 0
2
Coded 1 for TEC Temperature Control, else coded 0
1
Coded 1 for Sleep Mode Set Control provided, else coded 0
0
Coded 1 for CDR Bypass Control provided, else coded 0
Byte144 - 151 Reserved
Address
Field Name/Description
Byte
Bit
Code
144-151
Reserved: Coded 00h
Byte 152 - 221 Vendor Information
Address
Field Name/Description
Byte
Bit
Code
152-167
Vendor Name ASCII – 16 bytes
168-170
Vendor OUI – 3 bytes; Unspecified where coded all zeroes
171-186
Vendor Part Number ASCII – 16 bytes
187-188
Vendor Revision Number ASCII – 2 bytes
189-204
Vendor Serial Number ASCII – 16 bytes
205-212
Vendor Date Code ASCII – 8 bytes; coded YYYYMMDD with spaces (20h) for unused characters
213-222
CLEI Code – 10 bytes; Unspecified where coded all zeroes
Byte 223 Check Sum for bytes 128 through 222
Address
Field Name/Description
Byte
Bit
Code
223
Check Code – 1 byte: Low order 8 bits of the sum of all bytes from 128 through 222 inclusive.
Byte 224 - 255 Vendor Specific
Address
Field Name/Description
Byte
Bit
Code
224-255
Vendor Specific – 32 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com