Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2685EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
8
_______________________________________________________________________________________
Table 2. Mixer Typical S-Parameters (VCC = +3V, TA = +25°C)
S11
MAG
|S11|
PHASE
(degrees)
152.7
|S22|
MAG (IFOUT+
Port Only)
S22 PHASE
(IFOUT+ Port
Only)
(degrees)
-0.4
IF FREQUENCY
(MHz)
10
RF FREQUENCY
(MHz)
0.996
-1.8
40
800
0.355
0.994
-3.2
80
0.993
153.7
-4.2
110
0.989
840
0.352
-6.2
170
0.988
154.5
-8.0
240
0.983
880
0.351
155.8
920
0.349
156.2
960
0.352
156.9
1000
0.353
142.8
-0.5
10
0.996
-1.8
40
800
0.275
0.995
-3.2
80
0.993
144.1
-4.2
110
0.989
840
0.268
-6.2
170
0.987
145.5
-7.9
240
0.982
880
0.262
147.7
920
0.255
149.0
960
0.254
156.9
1000
0.245
High-Gain Mode (GAIN = VCC)
Low-Gain Mode (GAIN = GND)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com