Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2685EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
_______________________________________________________________________________________
9
Local-Oscillator Input
The LO port is the high-impedance input of the local-
oscillator buffer. It requires a series DC-blocking
capacitor and a shunt resistor to ground to set the input
impedance. See the
Typical Operating Characteristics
for a graph of LO Port Return Loss vs. Frequency.
IF Output Port
The mixer’s downconverted output appears on the dif-
ferential IFOUT+ and IFOUT- pins. The differential out-
put can be converted to a single-ended output, as
shown in the MAX2685 evaluation kit (EV kit). Refer to
the
Detailed Description in the MAX2685 EV kit data
sheet.
Shutdown
Drive SHDN low to disable all device functions and
place the MAX2685 in low-power shutdown mode.
Drive SHDN high or connect it to VCC to enable all
device functions.
Applications Information
Layout Considerations
A properly designed PC board is an essential part of
any RF/microwave circuit. Note the IC’s high-frequency
inputs and outputs, and be sure to decouple the DC
supply and control pins.
For power-supply traces and connections, a star topol-
ogy works well. Each VCC node in the circuit has its
own path to the central VCC node and a decoupling
capacitor that provides a low impedance at the RF fre-
quency of interest. The central VCC also has a large
decoupling capacitor. This provides good isolation
between the different sections of the MAX2685.
Chip Information
TRANSISTOR COUNT: 295



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com