Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2192AL Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2192AL
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AL Datasheet(HTML) 4 Page - New Japan Radio

  NJM2192AL Datasheet HTML 1Page - New Japan Radio NJM2192AL Datasheet HTML 2Page - New Japan Radio NJM2192AL Datasheet HTML 3Page - New Japan Radio NJM2192AL Datasheet HTML 4Page - New Japan Radio NJM2192AL Datasheet HTML 5Page - New Japan Radio NJM2192AL Datasheet HTML 6Page - New Japan Radio NJM2192AL Datasheet HTML 7Page - New Japan Radio NJM2192AL Datasheet HTML 8Page - New Japan Radio NJM2192AL Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NJM2192A
- 4 -
s
s
s
sELECTRICAL CHARACTERISTICS (V
+=12V,Ta=25
°C,V
IN=-20dBV(100mVrms), Speaker Size : Medium )
TEST CONDITION
PARAMETER
SYMBOL
IN
OUT
MODE
PUNCH
VR
MIN.
TYP.
MAX.
UNIT
VIN
VIN
L
f=100Hz
Gain “L”
VIN
VIN
R
BASS1
MAX
11.2
13.2
15.2
VIN
VIN
L
f=100Hz
Gain “L”
VIN
VIN
R
BASS1
MIN
-18.4
-14.4
-10.4
VIN
VIN
L
f=100Hz
Gain “H”
VIN
VIN
R
BASS1
MAX
15.7
17.7
19.7
VIN
VIN
L
f=100Hz
Gain “L”
VIN
VIN
R
BASS2
MAX
12.8
14.8
16.8
VIN
VIN
L
BASS Gain
GVBASS
f=100Hz
Gain “H”
VIN
VIN
R
BASS2
MAX
16.6
18.6
20.6
dB
VIH
19,20,21pin
-
-
-
-
-
2.0
-
V
+
Switch
Control
Voltage
VIL
19,20,21pin
-
-
-
0.0
-
0.7
V
s
s
s
sMODE SWITCH FUNCTION
MODE1
MODE2
NOTES
BYPASS (a)
L
-
Input Through
BASS1 (c)
H
L
Low Frequency Content of TruBass
(1)
BASS2 (b)
H
H
TruBass Mode
(2)
(1) BASS1:The output signal is low frequency content of TruBass derived from the stereo audio signal.
(2) BASS2:TruBass Mode.
s
s
s
sBASS INPUT AMP GAIN SWITCH FUNCTION
To Increase the TruBass effect with the GAIN Switch.
GAIN
NOTES
Gain Low
L
Normal Position
Gain High
H
Gain +6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com