Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2192AL Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2192AL
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AL Datasheet(HTML) 5 Page - New Japan Radio

  NJM2192AL Datasheet HTML 1Page - New Japan Radio NJM2192AL Datasheet HTML 2Page - New Japan Radio NJM2192AL Datasheet HTML 3Page - New Japan Radio NJM2192AL Datasheet HTML 4Page - New Japan Radio NJM2192AL Datasheet HTML 5Page - New Japan Radio NJM2192AL Datasheet HTML 6Page - New Japan Radio NJM2192AL Datasheet HTML 7Page - New Japan Radio NJM2192AL Datasheet HTML 8Page - New Japan Radio NJM2192AL Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NJM2192A
- 5 -
s
s
s
sINPUT TERMINAL OPERATING INSTRUCTION
NJM2192As input equip 4 terminals INL(28pin), INR(26pin), BASSINL(27pin) and BASSINR(25pin).
“Normal Setting”
Short INL and BASSINL, INR and BASSINR at the normal TruBass mode.
“Connect to the other surround ICs(TruSurround, SRS, etc.)”
If NJM2192A is used with the other surround ICs, the low frequency signal is possible to be amplified by the
other surround ICs. Then the audio stereo signal input into the BASSIN L/R, and the other surround signal input
into INL/R.
“Adjust TruBass effect”
Insert an attenuator before the BASSIN L/R if necessary.
Lch input
Rin input
NJM2192A
INL
INR
BASSINL
BASSINR
TruBass output signal
OUTL
OUT
INL
INR
BASSINL
BASSINR
NJM2192A
OUTL
OUT
Passive Matrix
TruSurround
NJM2188
etc.
Lch input
Rch input
(✼)
Set the attenuator : (RA+RB)≥50k
Ω
Rch input
INR
BASSINR
INL
BASSINL
VREF
NJM2192A
VREF
Lch input
OUTL
OUTR
50k
Ω
50k
Ω
50k
Ω
50k
Ω
Input attenuator
(✼)
RA
RB
RA
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com