Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3531 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 2 Page - International Rectifier

  IR3531 Datasheet HTML 1Page - International Rectifier IR3531 Datasheet HTML 2Page - International Rectifier IR3531 Datasheet HTML 3Page - International Rectifier IR3531 Datasheet HTML 4Page - International Rectifier IR3531 Datasheet HTML 5Page - International Rectifier IR3531 Datasheet HTML 6Page - International Rectifier IR3531 Datasheet HTML 7Page - International Rectifier IR3531 Datasheet HTML 8Page - International Rectifier IR3531 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
2
ORDERING INFORMATION
IR3531 ― M     
Package
Tape & Reel Qty
Part Number
48 Lead MLPQ
(7x7 mm body)
100
IR3531-MPBF
48 Lead MLPQ
(7x7 mm body)
3000
IR3531-MTRPBF
1
Note
1: Samples only.
IR3531
48 Pin 7 x 7 MLPQ
Top View
49 GND
48
47
46
45
44
43
42
41
40
39
EN
VRHOT#
VRRDY1
VRRDY
VCC
SW
V12V
ALERT#
VCLK
VDIO
PHSSHED
IMON_R1
1
2
3
4
5
6
7
8
9
10
11
12
BBR1#
PWM4
PWM3
TSENS
ROSC/OVP
ADDR
ICCP
SCLK
PWM2
PWM1
BBR#
TRACK
36
35
34
33
32
31
30
29
28
27
26
25
38
37
13
14
15
16
17
18
19
20
21
22
23
24
Figure 3: Package Top View, Enlarged
PBF – Lead Free
TR – Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com