Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3531 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3531 Datasheet HTML 17Page - International Rectifier IR3531 Datasheet HTML 18Page - International Rectifier IR3531 Datasheet HTML 19Page - International Rectifier IR3531 Datasheet HTML 20Page - International Rectifier IR3531 Datasheet HTML 21Page - International Rectifier IR3531 Datasheet HTML 22Page - International Rectifier IR3531 Datasheet HTML 23Page - International Rectifier IR3531 Datasheet HTML 24Page - International Rectifier IR3531 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
21
When the processor (master) issues a Get command, it
transmits the intended controller address and the address
of the register it wants to read. The addressed controller
acknowledges the command and returns the requested
data. Similarly, when the processor issues a Set command,
it transmits the intended controller address and the data it
wants to insert. The only exception is the SetRegADR
command which is used to declare the register address
that SetRegDAT will alter. The controller acknowledges
these commands. Parity checking is not enforced on
SetRegADR/SetRegDAT.
TABLE 2: SUPPORTED COMMAND
Command
Description
SetVIDfast
Slews VOUT to a new Programmed setpoint at
20mV/usec
SetVIDslow
Slews VOUT to a new Programmed setpoint at
5mV/usec
SetPS
Sets power state
SetRegADR
Declares the address of the register to be
written to
SetRegDAT
Writes data to the SetRegADR declared register
GetReg
Read data of a specified register
TestMode
Test mode is used for final test trimming of the
IR3531 and is not available to users.
Note: SetVID decay is not supported
TABLE 3: SUPPORTED REGISTER
Register
Description
VendorID
Identifies the VR vendor
ProductID
Identifies the product model
ProductRev
Identifies the product revision
SVID Protocol ID
Identifies the version of SVID protocol
VR Capability
Communicates functions the IR3531
supports
Status1 Reg
Stores VR status data
Status2 Reg
Stores SVID bus errors
Temp Zone
Temperature zone from Rail0 sensor
Output Current
Stores output current for Rail0/Rail1
Status2_last_read
Stores previous data of status 2
ICC Max
Programs the maximum supported
output current
Temp Max
Programs maximum operating
temperature
SR-fast
Stores the fast slew rate value
SR-slow
Stores the slow slew rate value
Vboot
Overrides the default Vboot value
Vout Max
Programs the maximum supported
operational Vout
VID Setting
Register contains the current VID setting
Power State
Register contains the current power state
VID Offset
1
Allows margining around the VID setpoint
Multi VR Config
Configures other VR-s on the same SVID
bus
SetRegADR
Scratch pad register for temporary
storage of the SetRegADR pointer register
Note 1: VID Offset commands that attempt to push the VID
above 1.52V or below 0V are not acknowledged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com