Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3838MPBF Datasheet(PDF) 32 Page - International Rectifier

Part # IR3838MPBF
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3838MPBF Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3838MPBF Datasheet HTML 27Page - International Rectifier IR3838MPBF Datasheet HTML 28Page - International Rectifier IR3838MPBF Datasheet HTML 29Page - International Rectifier IR3838MPBF Datasheet HTML 30Page - International Rectifier IR3838MPBF Datasheet HTML 31Page - International Rectifier IR3838MPBF Datasheet HTML 32Page - International Rectifier IR3838MPBF Datasheet HTML 33Page - International Rectifier IR3838MPBF Datasheet HTML 34Page - International Rectifier IR3838MPBF Datasheet HTML 35Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
IR3838MPbF
Rev 1.41
PCB Metal and Components Placement
Evaluations have shown that the best overall performance is achieved using the substrate/PCB
layout as shown in following figures. PQFN devices should be placed to an accuracy of 0.050mm
on both X and Y axes. Self-centering behavior is highly dependent on solders and processes, and
experiments should be run to confirm the limits of self-centering on specific processes. For further
information, please refer to “SupIRBuck™ Multi-Chip Module (MCM) Power Quad Flat No-Lead
(PQFN) Board Mounting Application Note.” (AN-1132)
PCB metal pad sizing (all dimensions in mm)
PCB metal pad spacing (all dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com