Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3838MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3838MPBF
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3838MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3838MPBF Datasheet HTML 9Page - International Rectifier IR3838MPBF Datasheet HTML 10Page - International Rectifier IR3838MPBF Datasheet HTML 11Page - International Rectifier IR3838MPBF Datasheet HTML 12Page - International Rectifier IR3838MPBF Datasheet HTML 13Page - International Rectifier IR3838MPBF Datasheet HTML 14Page - International Rectifier IR3838MPBF Datasheet HTML 15Page - International Rectifier IR3838MPBF Datasheet HTML 16Page - International Rectifier IR3838MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
IR3838MPbF
Rev 1.41
Fig. 5b. Pre-Bias startup pulses
Fig. 5a. Pre-Bias startup
Fig. 4b. Recommended startup for sequencing
operation (ratiometric or simultaneous)
Fig. 4c. Recommended startup for memory
tracking operation (Vtt-DDR)
Vref
This pin reflects the internal reference voltage
which is used by the error amplifier to set the
output voltage. In most operating conditions this
pin is only connected to an external bypass
capacitor and it is left floating. In tracking mode
this pin should be connected to an external
voltage greater than 1.5V and less than 7V. For
margining applications, an external voltage
source is connected to Vref pin and overrides
the internal reference voltage. The external
voltage source should have a low internal
resistance (<100Ω) and be able to source and
sink more than 25µA.
Pre-Bias Startup
IR3838 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET (sync FET)
off until the first gate signal for control MOSFET
(control FET) is generated. Figure 5a shows a
typical Pre-Bias condition at start up. The sync
FET always starts with a narrow pulse width
and gradually increases its duty cycle with a
step of 25%, 50%, 75% and 100% until it
reaches the steady state value. The number of
these startup pulses for the sync FET is
internally programmed. Figure 5b shows a
series of 32, 16, 8 startup pulses.
Fig. 4a. Recommended startup for
Normal operation
Pvin (12V)
Vcc (5.2V)
Enable> 1. 2 V
SS
Vp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com