Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMY20UP60B Datasheet(PDF) 8 Page - International Rectifier

Part # IRAMY20UP60B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAMY20UP60B_15 Datasheet HTML 4Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 5Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 6Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 7Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 8Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 9Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 10Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 11Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IRAMY20UP60B
8
www.irf.com
Module Pin-Out Description
1
22
Pin
Name
Description
1
VB1
High Side Floating Supply Voltage 1
2
U, VS1
Output 1 - High Side Floating Supply Offset Voltage
3NA
none
4
VB2
High Side Floating Supply voltage 2
5
V,VS2
Output 2 - High Side Floating Supply Offset Voltage
6NA
none
7
VB3
High Side Floating Supply voltage 3
8
W,VS3
Output 3 - High Side Floating Supply Offset Voltage
9NA
none
10
V+
Positive Bus Input Voltage
11
NA
none
12
V-
Negative Bus Input Voltage
13
HIN1
Logic Input High Side Gate Driver - Phase 1
14
HIN2
Logic Input High Side Gate Driver - Phase 2
15
HIN3
Logic Input High Side Gate Driver - Phase 3
16
LIN1
Logic Input Low Side Gate Driver - Phase 1
17
LIN2
Logic Input Low Side Gate Driver - Phase 2
18
LIN3
Logic Input Low Side Gate Driver - Phase 3
19
Fault/TMON
Temperature Monitor and Fault Function
20
ITRIP
Current Monitor
21
VCC
+15V Main Supply
22
VSS
Negative Main Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com