Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMY20UP60B Datasheet(PDF) 1 Page - International Rectifier

Part # IRAMY20UP60B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 1 Page - International Rectifier

  IRAMY20UP60B_15 Datasheet HTML 1Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 2Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 3Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 4Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 5Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 6Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 7Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 8Page - International Rectifier IRAMY20UP60B_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.irf.com
1
Features
IRAMY20UP60B
Series
20A, 600V
with Internal Shunt Resistor
Integrated Power Hybrid IC for
Appliance Motor Drive Applications.
Description
International Rectifier's IRAMY20UP60B is a 20A, 600V Integrated Power Hybrid IC with Internal Shunt
Resistor for Appliance Motor Drives applications such as air conditioning systems and compressor drivers as
well as for light industrial application. IR's technology offers an extremely compact, high performance AC
motor-driver in a single isolated package to simplify design.
This advanced HIC is a combination of IR's low V
CE(on) Non Punch-Through IGBT technology and the industry
benchmark 3-Phase high voltage, high speed driver in a fully isolated thermally enhanced package.
A built-in temperature monitor and over-current and over-temperature protections, along with the short-
circuit rated IGBTs and integrated under-voltage lockout function, deliver high level of protection and fail-
safe operation. Using a newly developed single in line package (SiP3) with heatspreader for the power die
along with full transfer mold structure minimizes PCB space and resolves isolation problems to heatsink.
UL certified.
PD-96955 Rev.C
• Integrated Gate Drivers
• Temperature Monitor and Protection
• Overcurrent shutdown
• Fully Isolated Package
• Low VCE (on) Non Punch Through IGBT Technology.
• Undervoltage lockout for all channels
• Matched propagation delay for all channels
• 5V Schmitt-triggered input logic
• Cross-conduction prevention logic
• Lower di/dt gate driver for better noise immunity
• Motor Power range 0.75~2.2kW / 85~253 Vac
• Isolation 2000V
RMS min
• UL Certificate Number: E252584
Absolute Maximum Ratings
Parameter
Description
Value
Units
VCES / VRRM
IGBT/Diode Blocking Voltage
600
V+
Positive Bus Input Voltage
450
IO @ TC=25°C
RMS Phase Current (Note 1)
20
IO @ TC=100°C
RMS Phase Current (Note 1)
10
IO
Pulsed RMS Phase Current (Note 2)
40
FPWM
PWM Carrier Frequency
20
kHz
PD
Power dissipation per IGBT @ TC =25°C
68
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diodes)
Operating Junction temperature Range
-40 to +150
TJ (Driver IC)
Operating Junction temperature Range
-40 to +150
T
Mounting torque Range (M4 screw)
0.7 to 1.17
Nm
Note 1: Sinusoidal Modulation at V+=400V, TJ=150°C, FPWM=20kHz, Modulation Depth=0.8, PF=0.6, See Figure 3.
Note 2: tP<100ms; TC=25°C; FPWM=20kHz. Limited by IBUS-ITRIP, see Table "Inverter Section Electrical Characteristics"
V
A
°C


Similar Part No. - IRAMY20UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMY20UP60B IRF-IRAMY20UP60B Datasheet
335Kb / 16P
iMOTION Series 20A, 600V
More results

Similar Description - IRAMY20UP60B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B_15 Datasheet
225Kb / 16P
Temperature Monitor and Protection
IRAM136-3063B IRF-IRAM136-3063B_15 Datasheet
237Kb / 17P
Temperature Monitor and Protection
logo
ON Semiconductor
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
Temperature Monitor
April, 2014 ??Rev. 4
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
Temperature Monitor
July, 2012 ??Rev. 6
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
Temperature Monitor
May, 2015 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1978EVKIT MAXIM-MAX1978EVKIT Datasheet
310Kb / 12P
Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com