Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3486C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3486C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3486C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3486C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
9
VCC
VOM
3V
0V
VOH
VOM
VOM
VOM
VOM
VOL
VOH
VOL
50
Ω
RL = 27Ω
CL = 15pF
(NOTE 5)
GENERATOR
(NOTE 4)
D
tPLH
1.5V
Y
OUT
Z
OUT
OUT
S1
IN
1.5V
≈ 1.5V
tPHL
tPHL
tPLH
VOH + VOL
2
VOM =
3V
0V
VOH
VOM
0V
RL = 110Ω
CL = 50pF
(NOTE 5)
D
0V OR 3V
50
Ω
GENERATOR
(NOTE 4)
tPZH
1.5V
0.25V
OUT
OUT
S1
IN
1.5V
≈ 1.5V
tPHZ
VOH + VOL
2
VOM =
VCC
RL = 110Ω
CL = 50pF
(NOTE 5)
D
50
Ω
GENERATOR
(NOTE 4)
OUT
S1
3V
0V
VCC
VOL
VOM
tPSL
1.5V
0.25V
OUT
IN
1.5V
tPLZ
0V OR 3V
Figure 8. Driver Propagation Times
Figure 9. Driver Enable and Disable Times (tPZH, tPSH, tPHZ)
Figure 10. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com