Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3486C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3486C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3486C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3486C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3486C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX3483, MAX3485, MAX3486, MAX3488,
MAX3490, and MAX3491 are 3.3V, low-power trans-
ceivers for RS-485 and RS-422 communication. Each
part contains one driver and one receiver. The
MAX3483 and MAX3488 feature slew-rate-limited dri-
vers that minimize EMI and reduce reflections caused
by improperly terminated cables, allowing error-free
data transmission at data rates up to 250kbps. The par-
tially slew-rate-limited MAX3486 transmits up to
2.5Mbps. The MAX3485, MAX3490, and MAX3491
transmit at up to 10Mbps.
Drivers are short-circuit current limited and are protect-
ed against excessive power dissipation by thermal
shutdown circuitry that places the driver outputs into a
high-impedance state. The receiver input has a fail-safe
feature that guarantees a logic-high output if both
inputs are open circuit.
The MAX3488, MAX3490, and MAX3491 feature full-
duplex communication, while the MAX3483, MAX3485,
and MAX3486 are designed for half-duplex communi-
cation.
________________________Applications
Low-Power RS-485/RS-422 Transceivers
Telecommunications
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
____________________________Features
o Operate from a Single 3.3V Supply—
No Charge Pump!
o Interoperable with +5V Logic
o 8ns Max Skew (MAX3485/MAX3490/MAX3491)
o Slew-Rate Limited for Errorless Data Transmission
(MAX3483/MAX3488)
o 2nA Low-Current Shutdown Mode
(MAX3483/MAX3485/MAX3486/MAX3491)
o -7V to +12V Common-Mode Input Voltage Range
o Allows up to 32 Transceivers on the Bus
o Full-Duplex and Half-Duplex Versions Available
o Industry Standard 75176 Pinout
(MAX3483/MAX3485/MAX3486)
o Current-Limiting and Thermal Shutdown for
Driver Overload Protection
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for for dice specifications.
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0333; Rev 0; 12/94
PART
MAX3483CPA
MAX3483CSA
MAX3483C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
PART
NUMBER
GUARANTEED
DATA RATE
(Mbps)
SUPPLY
VOLTAGE
(V)
HALF/FULL
DUPLEX
SLEW-RATE
LIMITED
DRIVER/
RECEIVER
ENABLE
SHUTDOWN
CURRENT
(nA)
PIN
COUNT
MAX3483
0.25
Half
Yes
Yes
2
8
MAX3485
10
Half
No
Yes
2
8
MAX3486
2.5
Half
Yes
Yes
2
8
MAX3488
0.25
Full
Yes
No
—
8
MAX3490
10
Full
No
No
—
8
MAX3491
10
3.0 to 3.6
Full
No
Yes
2
14
______________________________________________________________Selection Table
MAX3483EPA
MAX3483ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX3485CPA
MAX3485CSA
MAX3485C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX3485EPA
MAX3485ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO


Similar Part No. - MAX3486C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3486 MAXIM-MAX3486 Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486E MAXIM-MAX3486E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486E MAXIM-MAX3486E Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3486ECPA MAXIM-MAX3486ECPA Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3486ECPA MAXIM-MAX3486ECPA Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3486C/D

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com