Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3752CCM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3752CCM Datasheet HTML 1Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(TA = +25°C and VCC = +3.3V, unless otherwise noted.)
1.00E+14
1.00E+10
1.00E+12
1.00E+06
1.00E+08
1.00E+02
1.00E+04
1.00E+00
0.0
0.4
0.2
0.6
0.8
0.1
0.5
0.3
0.7
0.9 1.0
OUTPUT JITTER—BATHTUB PLOT
DATA SAMPLING TIME RELATIVE TO FIRST ZERO
CROSSING (UI)
2Gbps CRPAT (NO JITTER ON INPUTS)
1.00E+14
1.00E+10
1.00E+12
1.00E+06
1.00E+08
1.00E+02
1.00E+04
1.00E+00
0.0
0.4
0.2
0.6
0.8
0.1
0.5
0.3
0.7
0.9 1.0
DATA SAMPLING TIME RELATIVE TO FIRST ZERO
CROSSING (UI)
2Gbps CRPAT
(0.38UI DJ, 0.63UI TJ ON INPUTS)
OUTPUT JITTER—BATHTUB PLOT
1
2
3
4
0.1
0.7
0.4
1.0
1.3
1.6
1.9
2.2
2.5
INPUT VSWR
vs. FREQUENCY (BY SIMULATION)
FREQUENCY (GHz)
FREQUENCY (GHz)
1
2
3
4
0.1
0.7
0.4
1.0
1.3
1.6
1.9
2.2
2.5
OUTPUT VSWR
vs. FREQUENCY (BY SIMULATION)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com