Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3752CCM Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3752CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 4, 7, 8, 11, 26,
29, 30, 33, 36,
39, 42, 43, 46
GND
Electrical Ground
2
LIN1-
Inverted Data Input for L-Port 1
3
LIN1+
Noninverted Data Input for L-Port 1
5
LOUT1-
Inverted Data Output for L-Port 1
6
LOUT1+
Noninverted Data Output for L-Port 1
9
IN-
Inverted Data Input
10
IN+
Noninverted Data Input
12
CLKEN
Clock Enable. A TTL high level enables clock output at L-Port 1.
13,16, 21, 24
VCC
Positive Supply Voltage
14
CFP
CDR Filter Capacitor Positive Connection
15
CFM
CDR Filter Capacitor Negative Connection
17
SEL1
Select 1. A TTL low on SEL1 selects data from IN
±. TTL high on SEL1 selects data from LIN1±.
18
SEL2
Select 2. A TTL low on SEL2 selects data from the previous port bypass circuit. A TTL high on
SEL2 selects data from LIN2
±.
19
SEL3
Select 3. A TTL low on SEL3 selects data from the previous port bypass circuit. A TTL high on
SEL3 selects data from LIN3
±.
20
SEL4
Select 4. A TTL low on SEL4 selects data from the previous port bypass circuit. A TTL high on
SEL4 selects data from LIN4
±.
22
CDREN
CDR Enable Input (TTL). A high input enables the CDR for data recovery. A low input disables
the CDR (no data recovery).
23
LOCKEN
Lock Enable Input (TTL). A high input enables the LOCK output. A low input disables the
LOCK output.
25
LOCK
CDR Lock Output. Enabled by LOCKEN. A high output indicates the CDR PLL is locked. When
LOCKEN is low, LOCK is high.
27
OUT+
Noninverted Data Output
28
OUT-
Inverted Data Output
31
LIN4-
Inverted Data Input for L-Port 4
32
LIN4+
Noninverted Data Input for L-Port 4
34
LOUT4-
Inverted Data Output for L-Port 4
35
LOUT4+
Noninverted Data Output for L-Port 4
37
LIN3-
Inverted Data Input for L-Port 3
38
LIN3+
Noninverted Data Input for L-Port 3
40
LOUT3-
Inverted Data Output for L-Port 3
41
LOUT3+
Noninverted Data Output for L-Port 3
44
LIN2-
Inverted Data Input for L-Port 2
45
LIN2+
Noninverted Data Input for L-Port 2
47
LOUT2-
Inverted Data Output for L-Port 2
48
LOUT2+
Noninverted Data Output for L-Port 2
EP
Exposed
Pad
Ground. The exposed pad must be soldered to the circuit board for proper thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com