Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB433 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DB433
Description  SMBus Interface; unused outputs can be disabled
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB433 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DB433 Datasheet HTML 1Page - Integrated Circuit Systems 9DB433 Datasheet HTML 2Page - Integrated Circuit Systems 9DB433 Datasheet HTML 3Page - Integrated Circuit Systems 9DB433 Datasheet HTML 4Page - Integrated Circuit Systems 9DB433 Datasheet HTML 5Page - Integrated Circuit Systems 9DB433 Datasheet HTML 6Page - Integrated Circuit Systems 9DB433 Datasheet HTML 7Page - Integrated Circuit Systems 9DB433 Datasheet HTML 8Page - Integrated Circuit Systems 9DB433 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
9DB433
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
1
9DB433
REV G 08/25/15
General Description
The 9DB433 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB433 is driven by a differential
SRC output pair from an IDT 932S421 or 932SQ420 or
equivalent main clock generator.
Recommended Application
4 output PCIe Gen1,2,3 zero-delay/fanout buffer
Key Specifications
• Output cycle-cycle jitter <50ps
• Output to Output skew <50ps
• Phase jitter: PCIe Gen3 <1.0ps rms
Features/Benefits
• 3 Selectable SMBus Addresses; Mulitple devices can
share the same SMBus Segment
• OE# pins; Suitable for Express Card applications
• PLL or bypass mode; PLL can dejitter incoming clock
• Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible; tracks spreading input
clock for low EMI
• SMBus Interface; unused outputs can be disabled
• Supports undriven differential outputs in Power Down
mode for power management
Output Features
• 4 - 0.7V current-mode differential HCSL output pairs
• Supports zero delay buffer mode and fanout mode
• Selectable bandwidth
• 50-110 MHz operation in PLL mode
• 5-166 MHz operation in Bypass mode
Functional Block Diagram
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(6,5,2,1)
CONTROL
LOGIC
BYP#_LOBW_HIBW
SMBDAT
SMBCLK
PD#
SPREAD
COMPATIBLE
PLL
4
IREF
M
U
X
OE(6,1)#
2


Similar Part No. - 9DB433

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
Spread Spectrum Compatible
logo
Renesas Technology Corp
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB433 RENESAS-9DB433 Datasheet
399Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB433AFILF RENESAS-9DB433AFILF Datasheet
399Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB433AFILFT RENESAS-9DB433AFILFT Datasheet
399Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
More results

Similar Description - 9DB433

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Nel Frequency Controls,...
AA-X36KXXX-X NEL-AA-X36KXXX-X Datasheet
160Kb / 3P
The outputs can be disabled for test automation or combining multiple clocks
AB-A3DBXXX-X NEL-AB-A3DBXXX-X Datasheet
159Kb / 3P
The outputs can be disabled for test automation or combining multiple clocks
logo
STMicroelectronics
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
This circuit can be used to produce multiple outputs
11-Nov-2014
logo
Integrated Circuit Syst...
9DB633 ICST-9DB633 Datasheet
199Kb / 14P
SMBus Interface/unused outputs can be disabled
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
SMBus Interface; unused outputs can be disabled
REV G 082515
9DB1233 ICST-9DB1233 Datasheet
187Kb / 15P
SMBus Interface/unused outputs can be disabled
logo
Integrated Device Techn...
9FGV0631C IDT-9FGV0631C Datasheet
207Kb / 15P
Outputs can optionally be supplied from any voltage
9FGV0831 IDT-9FGV0831 Datasheet
209Kb / 16P
Outputs can optionally be supplied from any voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com