Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3864ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3864ESA
Description  2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3864ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3864ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3864 is a transimpedance preamplifier for
applications in SDH/SONET systems operating up to
2.5Gbps. It features 490nA (typ) input-referred noise,
2.0GHz bandwidth, and 2mA input overload.
The MAX3864 operates from a single +3.0V to +5.5V
supply. It includes an integrated low-frequency com-
pensation capacitor, as well as a filter connection that
provides positive bias through a 750
Ω resistor to VCC.
These features save external components, simplifying
design and assembly into a TO-46 header with a photo-
diode.
The MAX3864 has a typical optical dynamic range of
-24dBm to 0dBm using a PIN photodetector.
Applications
SDH/SONET Transmission Systems
PIN Preamplifier Receivers
APD Preamplifier Receivers
2.5Gbps ATM Receivers
Regenerators for SDH/SONET
Features
o 490nA (typ) Input-Referred Noise
o 2000MHz Bandwidth
o 2mA Input Overload
o 100Ω Differential Output Impedance
o 112mW Power Dissipation at +3.3V
o Integrated Filter Resistor
o CML Outputs
o Single +3.0V to +5.5V Supply Voltage
2.5Gbps, +3V to +5.5V, Wide Dynamic Range
Transimpedance Preamplifier
________________________________________________________________ Maxim Integrated Products
1
19-1790; Rev 0; 8/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
OUT-
GND
FILTER
1
2
8
7
GND
OUT+
N.C.
IN
VCC
SO
TOP VIEW
3
4
6
5
MAX3864
0.01
µF
PHOTODIODE
750
Ω
VCC
VCC
GND
FILTER
IN
0.1
µF
OUT+
OUT-
0.1
µF
CFILTER
400pF
100
Ω
MAX3864
LIMITING
AMPLIFIER
Typical Application Circuit
Pin Configuration
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX3864ESA
-40
°C to +85°C
8 SO
MAX3864E/D
-40
°C to +85°C
Dice*
* Dice are designed to operate with junction temperatures of -40°C
to +140°C but are tested and guaranteed only at TA = +25°C.


Similar Part No. - MAX3864ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
logo
Analog Devices
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
logo
Maxim Integrated Produc...
MAX38640AELT+ MAXIM-MAX38640AELT+ Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
logo
Analog Devices
MAX38640AELT+ AD-MAX38640AELT+ Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
logo
Maxim Integrated Produc...
MAX38640AENT+ MAXIM-MAX38640AENT+ Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
More results

Similar Description - MAX3864ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
logo
Maxim Integrated Produc...
MAX3260 MAXIM-MAX3260 Datasheet
57Kb / 4P
1GHz Transimpedance Preamplifier with 25dB Dynamic Range
19-0322; Rev 0; 10/94
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com