Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3864ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3864ESA
Description  2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3864ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3864ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3864ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Applications Information
Optical Power Relations
Many of the MAX3864 specifications relate to the input
signal amplitude. When working with fiber optic receivers,
the input is usually expressed in terms of average optical
power and extinction ratio. Figure 4 shows relations that
are helpful for converting optical power to input signal
when designing with the MAX3864.
Optical power relations are shown in Table 1; the defini-
tions are true if the average duty cycle and mark densi-
ty of the input data are 50%.
Optical Sensitivity Calculations
The MAX3864 input-referred RMS noise current (IN)
generally determines the receiver sensitivity. To obtain
a system bit-error rate (BER) of 1E-10, the minimum sig-
nal-to-noise ratio (SNR) is 12.7. The input sensitivity,
expressed in average power, can be estimated as:
where
ρ is the photodiode responsivity, including fiber-
to-photodiode coupling efficiency in A/W and IN in µA.
For example, if SNR = 12.7, IN = 0.490µA, re = 10, and
ρ = 1, then sensitivity is -24dBm.
Input Optical Overload
The overload is the largest input that the MAX3864
accepts while meeting deterministic jitter specifications.
The optical overload can be estimated in terms of aver-
age power with the following equation (assumes
re =
∞):
Optical Linear Range
The MAX3864 has high gain, which limits the outputs
when the input signal exceeds 40µAp-p. The MAX3864
operates in a linear range for inputs not exceeding:
Layout Considerations
Use good high-frequency design and layout techniques.
The use of a multilayer circuit board with separate ground
and power planes is recommended. Connect the GND
pins to the ground plane with the shortest possible traces.
Noise performance and bandwidth will be adversely
affected by capacitance at the IN pin. Minimize capaci-
tance on this pin, and select a low-capacitance photodi-
ode. Assembling the MAX3864 in die form using chip and
wire technology provides the best possible performance.
Figure 5 shows the recommended layout for a TO
header.
The SO package version of the MAX3864 is offered as an
easy way to characterize the circuit and to become famil-
iar with the circuit’s operation, but it does not offer opti-
mum performance. When using the SO version of the
MAX3864, the package capacitance adds approximately
0.3pF at the input. The PC board between the MAX3864
input and the photodiode also adds parasitic capaci-
tance. Keep the input line short, and remove power and
ground planes beneath it.
GND
Connect GND as close to the AC ground of the photode-
tector diode as possible. The photodetector AC ground is
usually the ground of the filter capacitor from the photode-
tector cathode. The total loop (from GND, through the
bypass capacitor and the diode, and back to IN) should
be no more than approximately 1/5th of a wavelength.
Overload
10log
2mAp - p
1000
2
dBm
=
×
ρ
Sensitivity =10log
SNR
2
dBm
×+
()
−
() ×
Ir
r
Ne
e
1
1
1000
ρ
2.5Gbps, +3V to +5.5V, Wide Dynamic Range
Transimpedance Preamplifier
6
_______________________________________________________________________________________
PO
PI
PAVG
TIME
POWER
PIN
Figure 4. Optical Power Relations
PARAMETER
SYMBOL
RELATION
Average Power
PAVE
PAVE = (P0 + P1) / 2
Extinction Ratio
re
re = P1 / P0
Optical Power of a 1
P1
P1 = 2PAVEre / (re + 1)
Optical Power of a 0
P0
P0 = 2PAVE / (re + 1)
Signal Amplitude
PIN
PIN = P1 - P0 = 2PAVE
(re - 1) / (re + 1)
Table 1. Optical Power Relations
Note: Assuming a 50% average input duty cycle and mark
density.
Linear Range = 10log
4-
2
dBm
0
1
1000
1
µ+
() ×
−
()
Ap p r
r
e
e
ρ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com