Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL06 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FGL06
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL06 Datasheet(HTML) 3 Page - Integrated Device Technology

  9FGL06 Datasheet HTML 1Page - Integrated Device Technology 9FGL06 Datasheet HTML 2Page - Integrated Device Technology 9FGL06 Datasheet HTML 3Page - Integrated Device Technology 9FGL06 Datasheet HTML 4Page - Integrated Device Technology 9FGL06 Datasheet HTML 5Page - Integrated Device Technology 9FGL06 Datasheet HTML 6Page - Integrated Device Technology 9FGL06 Datasheet HTML 7Page - Integrated Device Technology 9FGL06 Datasheet HTML 8Page - Integrated Device Technology 9FGL06 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
REVISION B 07/17/15
3
6-OUTPUT 3.3V PCIE GEN 1-2-3 CLOCK GENERATOR
9FGL06 DATASHEET
Pin Descriptions (9FGL0641/51 Configuration)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
vSS_EN_tri
LATCHED
IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
2
X1_25
IN
Crystal input, Nominally 25.00MHz.
3
X2
OUT
Crystal output.
4
VDDXTAL3.3
PWR
Power supply for XTAL, nominal 3.3V
5
VDDREF3.3
PWR
VDD for REF output. nominal 3.3V.
6
vSADR/REF3.3
LATCHED
I/O
Latch to select SMBus Address/3.3V LVCMOS copy of X1/REFIN pin
7
NC
N/A
No Connection.
8
GNDDIG
GND
Ground pin for digital circuitry
9
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
10
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
VDDDIG3.3
PWR
3.3V digital power (dirty power)
12
VDDIO
PWR
Power supply for differential outputs
13
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
14
DIF0
OUT
Differential true clock output
15
DIF0#
OUT
Differential Complementary clock output
16
VDD3.3
PWR
Power supply, nominal 3.3V
17
VDDIO
PWR
Power supply for differential outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
NC
N/A
No Connection.
21
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
NC
N/A
No Connection.
26
VDDA3.3
PWR
3.3V power for the PLL core.
27
VDDIO
PWR
Power supply for differential outputs
28
DIF3
OUT
Differential true clock output
29
DIF3#
OUT
Differential Complementary clock output
30
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
31
VDD3.3
PWR
Power supply, nominal 3.3V
32
VDDIO
PWR
Power supply for differential outputs
33
DIF4
OUT
Differential true clock output
34
DIF4#
OUT
Differential Complementary clock output
35
vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
36
DIF5
OUT
Differential true clock output
37
DIF5#
OUT
Differential Complementary clock output
38
vOE5#
IN
Active low input for enabling DIF pair 5. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
39
VDDIO
PWR
Power supply for differential outputs
40
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion. Low enters
Power Down Mode, subsequent high assertions exit Power Down Mode. This pin has internal
pull-up resistor.
41
ePAD
GND
Connect paddle to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com