Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL06 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9FGL06
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL06 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9FGL06 Datasheet HTML 4Page - Integrated Device Technology 9FGL06 Datasheet HTML 5Page - Integrated Device Technology 9FGL06 Datasheet HTML 6Page - Integrated Device Technology 9FGL06 Datasheet HTML 7Page - Integrated Device Technology 9FGL06 Datasheet HTML 8Page - Integrated Device Technology 9FGL06 Datasheet HTML 9Page - Integrated Device Technology 9FGL06 Datasheet HTML 10Page - Integrated Device Technology 9FGL06 Datasheet HTML 11Page - Integrated Device Technology 9FGL06 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6-OUTPUT 3.3V PCIE GEN 1-2-3 CLOCK GENERATOR
8
REVISION B 07/17/15
9FGL06 DATASHEET
Electrical Characteristics–DIF LP-HCSL Output Phase Jitter Parameters
Electrical Characteristics–Current Consumption
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
IND.
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
19
23
86
ps
(p-p)
1,3,4,6
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.5
0.7
3
ps
(rms)
1,3,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
1.2
1.8
3.1
ps
(rms)
1,3,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.3
0.5
1
ps
(rms)
1,3,6
Phase Jitter, 12k-20M
tjph12k20M
100MHz, REF output enabled
1.5
2
N/A
ps
(rms)
2,6
1 Defined for Spread Spectrum On or Off
6 Applies to all differential outputs
2 Only defined for Spread Spectrum Off.
Phase Jitter, PCI Express
(Common Clock
Architecture)
1
tjphPCIeG2
3 See http://www.pcisig.com for complete specs
4 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
5 Calculated from Intel-supplied Clock Jitter Tool
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
IDDAOP
VDDA, All outputs active @100MHz
13
16
mA
IDDOP
All VDD, except VDDA and VDDIO, All outputs
active @100MHz
16
21
mA
IDDIOOP
VDDIO, All outputs active @100MHz
23
29
mA
IDDAPD
VDDA, DIF outputs off, REF output running
0.8
1
mA
1
IDDPD
All VDD, except VDDA and VDDIO,
DIF outputs off, REF output running
7.59mA
1
IDDIOPD
VDDIO, DIF outputs off, REF output running
0.06
0.1
mA
1
IDDAPD
VDDA, all outputs off
0.8
1.1
mA
IDDPD
All VDD, except VDDA and VDDIO, all outputs off
2.4
3
mA
IDDIOPD
VDDIO, all outputs off
0.05
0.1
mA
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1)
Powerdown Current
(Power down state and
Byte 3, bit 5 = '0')
Operating Supply Current
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com