| Electronic Components Datasheet Search |
|
MAX395C/D Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX395C/D Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 16 page ![]() Serially Controlled, Low-Voltage, 8-Channel SPST Switch ______________________________________________________________________________________ 13 8x1 Multiplexer To use the MAX395 as an 8x1 multiplexer, connect all common pins together (COM0–COM7) to form the mux output; the mux inputs are NO0–NO7. The mux can be programmed normally, with only one channel selected for every eight clock pulses, or it can be programmed in a fast mode, where channel chang- ing occurs on each clock pulse. In this mode, the chan- nels are selected by sending a single high pulse (corresponding to the selected channel) at DIN, and a corresponding CS low pulse for every eight clock puls- es. As this is clocked through the register by SCLK, each switch sequences one channel at a time, starting with Channel 7. Dual, Differential 4-Channel Multiplexer To use the MAX395 as a dual (4x2) mux, connect COM0–COM3 together and connect COM4–COM7 together, forming the two outputs. The mux input pairs become NO0/NO4, NO1/NO5, NO2/NO6, and NO3/NO7. The mux can be programmed normally, with only one differential channel selected for every eight clock puls- es, or it can be programmed in a fast mode, where channel changing occurs on each clock pulse. In fast mode, the channels are selected by sending two high pulses spaced four clock pulses apart (corre- sponding to the two selected channels) at DIN, and a corresponding CS low pulse for each of the first eight clock pulses. As this is clocked through the register by SCLK DIN DOUT CS SK SO SI I/O MICROWIRE PORT MAX395 THE DOUT-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE MAX395, BUT MAY BE USED FOR DATA-ECHO PURPOSES. Figure 3. Connections for Microwire DOUT DIN SCLK CS MISO MOSI SCK I/O SPI PORT MAX395 THE DOUT-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE MAX395, BUT MAY BE USED FOR DATA-ECHO PURPOSES. CPOL = 0, CPHA = 0 Figure 4. Connections for SPI and QSPI SCLK DIN CS MAX395 SCLK DIN CS MAX395 SCLK DIN CS MAX395 DOUT DOUT DOUT SCLK DIN CS TO OTHER SERIAL DEVICES Figure 5. Daisy-Chained Connection |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |