Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX395C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX395C/D
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX395C/D Datasheet HTML 8Page - Maxim Integrated Products MAX395C/D Datasheet HTML 9Page - Maxim Integrated Products MAX395C/D Datasheet HTML 10Page - Maxim Integrated Products MAX395C/D Datasheet HTML 11Page - Maxim Integrated Products MAX395C/D Datasheet HTML 12Page - Maxim Integrated Products MAX395C/D Datasheet HTML 13Page - Maxim Integrated Products MAX395C/D Datasheet HTML 14Page - Maxim Integrated Products MAX395C/D Datasheet HTML 15Page - Maxim Integrated Products MAX395C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
______________________________________________________________________________________
15
age current flows to the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of either the same or
opposite polarity.
There is no connection between the analog signal
paths and GND.
V+ and GND power the internal logic and logic-level
translators, and set both the input and output logic lim-
its. The logic-level translators convert the logic levels to
switched V+ and V- signals to drive the analog signal
gates. This drive signal is the only connection between
the logic supplies (and signals) and the analog sup-
plies. V+, and V- have ESD-protection diodes to GND.
The logic-level inputs and output have ESD protection
to V+ and to GND.
The logic-level thresholds are CMOS and TTL compati-
ble when V+ is +5V. As V+ is raised, the threshold
increases slightly. So when V+ reaches +12V, the
threshold is about 3.1V; slightly above the TTL guaran-
teed high-level minimum of 2.8V, but still compatible
with CMOS outputs.
Bipolar Supplies
The MAX395 operates with bipolar supplies between
±3.0V and ±8V. The V+ and V- supplies need not be
symmetrical, but their sum cannot exceed the absolute
maximum rating of 17V. Do not connect the MAX395
V+ to +3V and connect the logic-level pins to TTL
logic-level signals. This exceeds the absolute maxi-
mum ratings and can damage the part and/or exter-
nal circuits.
Single Supply
The MAX395 operates from a single supply between
+3V and +16V when V- is connected to GND. All of the
bipolar precautions must be observed.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks that are highly layout dependent. The problem is
not turning the switch on, but turning it off. The off-state
switch acts like a capacitor and passes higher frequen-
cies with less attenuation. At 10MHz, off isolation is
about -45dB in 50
Ω systems, becoming worse (approx-
imately 20dB per decade) as frequency increases.
Higher circuit impedances also make off isolation
worse. Adjacent channel attenuation is about 3dB
above that of a bare IC socket, and is due entirely to
capacitive coupling.
X
0
1
X
X
X
X
D6
RESET
X
X
X
0
FUNCTION
X
X
1
D4
X
X
X
1
X
X
0
D5
X
0
1
1
X
0
1
X
X
X
0
1
X
D2
DATA BITS
X
X
All switches open, D7–D0 = 0
Switch 6 off and 7 on
Switch 7 off and 6 on
X
1
X
X
1
X
X
1
X
X
X
D0
X
X
X
X
X
X
X
D1
X
1
X
X
Switch 4 off and 5 on
Switch 2 off and 3 on
Switch 3 off and 2 on
Switch 5 off and 4 on
X
X
1
0
D7
X
D3
X
X
X
X
X
1
1
0
Switch 1 off and 0 on
X
Table 2. SPDT Switch Programming
X
X
X
X
X
1
0
1
Switch 0 off and 1 on
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com