Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4019EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4019EEE
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4019EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4019EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX4014/MAX4017/MAX4019/MAX4022 are preci-
sion, closed-loop, gain of +2 (or -1) buffers featuring
high slew rates, high output current drive, and low dif-
ferential gain and phase errors. These single-supply
devices operate from +3.15V to +11V, or from ±1.575V
to ±5.5V dual supplies. The input voltage range extends
100mV beyond the negative supply rail and the outputs
swing Rail-to-Rail®.
These devices require only 5.5mA of quiescent supply
current while achieving a 200MHz -3dB bandwidth and
a 600V/µs slew rate. In addition, the MAX4019 has a
disable feature that reduces the supply current to
400µA. Input voltage noise for these parts is only
10nV/
√Hz and input current noise is only 1.3pA/√Hz.
This buffer family is ideal for low-power/low-voltage
applications that require wide bandwidth, such as
video, communications, and instrumentation systems.
For space-sensitive applications, the MAX4014 comes
in a tiny 5-pin SOT23 package.
________________________Applications
Portable/Battery-Powered Instruments
Video Line Driver
Analog-to-Digital Converter Interface
CCD Imaging Systems
Video Routing and Switching Systems
____________________________Features
o Internal Precision Resistors for Closed-Loop
Gains of +2 or -1
o High Speed:
200MHz -3dB Bandwidth
30MHz 0.1dB Gain Flatness (6MHz min)
600V/µs Slew Rate
o Single 3.3V/5.0V Operation
o Outputs Swing Rail-to-Rail
o Input Voltage Range Extends Beyond VEE
o Low Differential Gain/Phase: 0.04%/0.02°
o Low Distortion at 5MHz:
-78dBc Spurious-Free Dynamic Range
-75dB Total Harmonic Distortion
o High Output Drive: ±120mA
o Low, 5.5mA Supply Current
o 400µA Shutdown Supply Current
o Space-Saving SOT23-5, µMAX, or QSOP Packages
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
________________________________________________________________
Maxim Integrated Products
1
__________Typical Operating Circuit
19-1284; Rev 0; 10/97
______________Ordering Information
PART
NO. OF
AMPS
ENABLE
PIN-PACKAGE
MAX4014
1
No
5-Pin SOT23
MAX4017
2
No
8-Pin SO/µMAX
MAX4019
3
Yes
14-Pin SO,
16-Pin QSOP
MAX4022
4
No
14-Pin SO,
16-Pin QSOP
_____________________Selector Guide
PART
SOT
TOP MARK
MAX4014EUK
ABZQ
TEMP. RANGE
PIN-
PACKAGE
-40°C to +85°C
5 SOT23-5
MAX4017ESA
—
-40°C to +85°C
8 SO
MAX4017EUA
—
-40°C to +85°C
8 µMAX
MAX4019ESD
—
-40°C to +85°C
14 SO
MAX4019EEE
—
-40°C to +85°C
16 QSOP
MAX4022ESD
—
MAX4022EEE
—
-40°C to +85°C
14 SO
-40°C to +85°C
16 QSOP
MAX4014
75
Ω
500
Ω
GAIN OF +2 VIDEO/RF CABLE DRIVER
500
Ω
VOUT
IN-
IN+
75
Ω
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.


Similar Part No. - MAX4019EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP+ AD-MAX40109IATP+ Datasheet
1Mb / 59P
Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4019EEE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD623 AD-AD623_15 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com