Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4019EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4019EEE
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4019EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4019EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4019EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
_______________________________________________________________________________________
3
Note 1: The MAX4014EUK is 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design.
Note 2: Tested with VOUT = +2.5V.
Note 3: PSRR for single +5V supply tested with VEE = 0V, VCC = +4.5V to +5.5V; for dual ±5V supply with VEE = -4.5V to -5.5V,
VCC = +4.5V to +5.5V; and for single +3V supply with VEE = 0V, VCC = +3.15V to +3.45V.
Note 4: Guaranteed by design.
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0V, IN_- = 0V, EN_ = 5V, RL = 100Ω to ground, noninverting configuration, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
VOUT = 20mVp-p
MAX4017/MAX4019/MAX4022,
f = 10MHz, VOUT = 2Vp-p
dB
-95
XTALK
Buffer Crosstalk
MAX4017/MAX4019/MAX4022,
f = 10MHz, VOUT = 20mVp-p
dB
0.1
Buffer Gain Matching
MAX4019
µs
1
tOFF
Buffer Disable Time
fC = 5MHz, VOUT = 2Vp-p
dBc
-78
SFDR
Spurious-Free Dynamic
Range
MAX4019
f = 10MHz
MAX4019, EN_ = 0V
f = 10kHz
f = 10kHz
NTSC, RL = 150Ω
NTSC, RL = 150Ω
fC = 10MHz, AVCL = +2V/V
VOUT = 2Vp-p,
fC = 5MHz
VOUT = 100mVp-p
f = 10.0MHz
VOUT = 2V step
VOUT = 2V step
VOUT = 2Vp-p
VOUT = 20mVp-p (Note 4)
CONDITIONS
ns
100
tON
Buffer Enable Time
Ω
6
ZOUT
Output Impedance
pF
2
COUT(OFF)
Disabled Output Capacitance
pF
1
CIN
Input Capacitance
pA/
√Hz
1.3
in
Input Noise Current Density
nV/
√Hz
10
en
Input Noise Voltage Density
%
0.04
DG
Differential Gain Error
degrees
0.02
DP
Differential Phase Error
dBm
11
Input 1dB Compression Point
dBm
35
IP3
Third-Order Intercept
-75
-82
HD
Harmonic Distortion
MHz
200
BWSS
Small-Signal -3dB Bandwidth
-78
ns
1
tR, tF
Rise/Fall Time
ns
45
tS
Settling Time to 0.1%
V/µs
600
SR
Slew Rate
MHz
140
BWLS
Large-Signal -3dB Bandwidth
MHz
6
30
BW0.1dB
Bandwidth for 0.1dB Gain
Flatness
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
dBc
Second harmonic
Total harmonic
distortion
Third harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com