Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4020EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4020EEE
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4020EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4020EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
5
4
-6
100k
1M
10M
100M
1G
MAX4012
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
AVCL = +1
VOUT = 20mVp-p
3
-7
100k
1M
10M
100M
1G
MAX4016/18/20
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1)
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
AVCL = +1
VOUT = 20mVp-p
9
-1
100k
1M
10M
100M
1G
MAX4012
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2)
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = +2
VOUT = 20mVp-p
9
-1
100k
1M
10M
100M
1G
MAX4016/18/20
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = +2)
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = +2
VOUT = 20mVp-p
0.5
-0.5
0.1M
1M
10M
100M
1G
MAX4016/18/20
GAIN FLATNESS vs. FREQUENCY
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
AVCL = +1
VOUT = 20mVp-p
4
-6
100k
1M
10M
100M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
VOUT = 2Vp-p
VOUT BIAS = 1.75V
0.7
-0.3
0.1M
1M
10M
100M
1G
MAX4012
GAIN FLATNESS vs. FREQUENCY
-0.1
FREQUENCY (Hz)
0.1
0.3
0.5
0.6
-0.2
0
0.2
0.4
AVCL = +1
VOUT = 20mVp-p
50
-150
100k
1M
10M
100M
1G
MAX4016/18/20
CROSSTALK vs. FREQUENCY
-110
FREQUENCY (Hz)
-70
-30
10
30
-130
-90
-50
-10
RS = 50Ω
1000
0.1
0.1M
1M
10M
100M
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100
1
10
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0V, AVCL = +1, RF = 24Ω, RL = 100Ω to VCC / 2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com