Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4020EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4020EEE
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4020EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4020EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4020EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = +1)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
AVCL = +1
2ND HARMONIC
3RD HARMONIC
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = +2)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
AVCL = +2
2ND HARMONIC
3RD HARMONIC
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = +5)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
AVCL = +5
2ND HARMONIC
3RD
HARMONIC
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
LOAD (
Ω)
0
200
400
600
800
1000
HARMONIC DISTORTION
vs. LOAD
f = 5MHz
VOUT = 2Vp-p
3rd HARMONIC
2rd HARMONIC
0
-100
100k
1M
10M
100M
COMMON-MODE REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
OUTPUT SWING (Vp-p)
0.5
1.0
1.5
2.0
HARMONIC DISTORTION
vs. OUTPUT SWING
fO = 5MHz
3RD HARMONIC
2ND HARMONIC
-0.01
0
100
0
100
DIFFERENTIAL GAIN AND PHASE
-0.01
0.00
0.00
0.01
0.01
0.02
0.02
0.03
0.03
IRE
IRE
VCM = +1.35V
VCM = +1.35V
20
-80
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-60
FREQUENCY (Hz)
-40
-20
0
10
-70
-50
-30
-10
4.5
4.0
3.5
2.5
2.0
1.5
3.0
1.0
LOAD RESISTANCE (
Ω)
25
50
75
100
125
150
OUTPUT SWING
vs. LOAD RESISTANCE
AVCL = +2
RL to VCC/2
RL to GROUND
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, AVCL = +1, RF = 24Ω, RL = 100Ω to VCC / 2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com