Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4040ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4040ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4040ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4040ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
6
_______________________________________________________________________________________
100
30
0
100
300
500
OPEN-LOOP GAIN vs. OUTPUT SWING LOW
(VCC = +2.4V, RL TIED TO VCC)
50
40
90
80
∆VOUT (mV)
200
400
70
60
RL = 100kΩ
RL = 10kΩ
100
110
0
100
200
300
400
OPEN-LOOP GAIN vs. OUTPUT SWING HIGH
(VCC = +5.5V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
70
60
RL = 20kΩ
RL = 100kΩ
100
30
0
100
300
500
OPEN-LOOP GAIN vs. OUTPUT SWING HIGH
(VCC = +2.4V, RL TIED TO VEE)
50
40
90
80
∆VOUT (mV)
200
400
70
60
RL = 100kΩ
RL = 10kΩ
100
110
0
100
200
300
400
OPEN-LOOP GAIN vs. OUTPUT SWING LOW
(VCC = +5.5V, RL TIED TO VCC)
50
40
90
80
∆VOUT (mV)
70
60
RL = 100kΩ
RL = 20kΩ
110
70
-60
-40
-20
20
40
100
OPEN-LOOP GAIN
vs. TEMPERATURE
75
80
105
100
95
TEMPERATURE (°C)
0
60
90
85
80
VCC = +5.5V, RL = 20kΩ TO VCC
VCC = +5.5V, RL = 20kΩ TO VEE
VCC = +2.4V, RL = 10kΩ TO VEE
VCC = +2.4V, RL = 10kΩ TO VCC
110
70
-60
-40
-20
20
40
100
OPEN-LOOP GAIN
vs. TEMPERATURE
75
80
105
100
95
TEMPERATURE (°C)
0
60
90
85
80
VCC = +5.5V, RL TO VCC
VCC = +5.5V, RL TO VEE
VCC = +2.4V, RL TO VCC
VCC = +2.4V, RL TO VEE
____________________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, SHDN = VCC, RL = 100kΩ to VCC / 2, TA = +25°C, unless otherwise noted.)
60
-40
10
100
1k
10k
100k
GAIN AND PHASE vs. FREQUENCY
(NO LOAD)
-20
-30
MAX4040/44-16
FREQUENCY (Hz)
0
-10
20
10
30
40
50
180
-180
-108
-144
-36
-72
36
0
72
108
144
AV = +1000V/V
60
-40
10
100
1k
10k
100k
GAIN AND PHASE vs. FREQUENCY
(CL = 100pF)
-20
-30
MAX4040/44-17
FREQUENCY (Hz)
0
-10
20
10
30
40
50
180
-180
-108
-144
-36
-72
36
0
72
108
144
AV = +1000V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com