Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4040ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4040ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4040ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4040ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
7
____________________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, SHDN = VCC, RL = 100kΩ to VCC / 2, TA = +25°C, unless otherwise noted.)
1
0.01
1
1000
100
10
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
0.1
FREQUENCY (Hz)
RL = 10kΩ
RL = 100kΩ
1000
10
0
250
500
1000
LOAD RESISTOR vs.
CAPACITIVE LOAD
CLOAD (pF)
750
100
10%
OVERSHOOT
REGION OF
MARGINAL STABILITY
REGION OF
STABLE OPERATION
10
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4040/44-21
50mV/div
100mV
100mV
IN
OUT
0V
0V
10
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4040/44-22
50mV/div
100mV
100mV
IN
OUT
0V
0V
100
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4040/42/44-23
2V/div
4.5V
0.5V
4.5V
IN
0.5V
OUT
100
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4040/42/44-24
2V/div
+2V
-2V
-2V
+2V
IN
OUT
-60
-110
10
1k
10k
100
MAX4042/MAX4043/MAX4044
CROSSTALK vs. FREQUENCY
-100
FREQUENCY (Hz)
-90
-80
-70
RL = 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com